Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU12A Datasheet (PDF) - Diotec Semiconductor

KBU12A Datasheet PDF - Diotec Semiconductor
Part # KBU12A
Download  KBU12A Download
File Size   131.43 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

KBU12A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU12A Datasheet PDF - Diotec Semiconductor

Part # KBU12A
Download  KBU12A Click to download

File Size   131.43 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

KBU12A Datasheet (HTML) - Diotec Semiconductor


KBU12A Product details

Silicon-Bridge Rectifiers

• Nominal current                               12 A
• Alternating input voltage        35…700 V
• Plastic case        23.5 x 5.7 x 19.3 [mm]
• Weight approx.                                  8 g
• Plastic material has UL classification 94V-0
• Standard packaging: bulk see page 22




Similar Part No. - KBU12A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBU12A DIOTEC-KBU12A Datasheet
112Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A Datasheet
110Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A Datasheet
162Kb / 2P
Single Phase Bridge Rectifier
KBU12A DIOTEC-KBU12A_07 Datasheet
110Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A_10 Datasheet
112Kb / 2P
Silicon-Bridge-Rectifiers
More results


Similar Description - KBU12A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com