Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0780 Datasheet (PDF) - ATMEL Corporation

T0780 Datasheet PDF - ATMEL Corporation
Part # T0780
Download  T0780 Download
File Size   208.5 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer

T0780 Datasheet (PDF)

Go To PDF Page Download Datasheet
T0780 Datasheet PDF - ATMEL Corporation

Part # T0780
Download  T0780 Click to download

File Size   208.5 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer

T0780 Datasheet (HTML) - ATMEL Corporation


T0780 Product details

Description
The T0780 is a high linearity active mixer which is manufactured using Atmel’s advanced Silicon-Germanium (SiGe) technology. This mixer features a frequency range of 800 MHz to 1000 MHz. It operates from a single 5-V supply and provides 10 dB of conversion gain while requiring only 0 dBm input to the integrated LO driver. An IF amplifier is also included.

Features
• Active Mixer with Conversion Gain
• No External LO Driver Necessary
• Low LO Drive Level Required
• RF and LO Ports May Be Driven Single-ended
• Single 5-V Supply Voltage
• High LO-RF Isolation
• Broadband Resistive 50-Ω Impedances on All Three Ports
• Small SSO16 Package

Applications
• Digital Communication Systems
• 800 MHz to 1000 MHz Transceivers for Base Stations




Similar Part No. - T0780

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0781 ATMEL-T0781 Datasheet
462Kb / 18P
1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer
T0781-6C ATMEL-T0781-6C Datasheet
462Kb / 18P
1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
List of Unclassifed Man...
T078332 ETC-T078332 Datasheet
403Kb / 4P
Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
More results


Similar Description - T0780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
List of Unclassifed Man...
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
T0781 ATMEL-T0781 Datasheet
462Kb / 18P
1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com