Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM-1116 Datasheet (PDF) - List of Unclassifed Manufacturers

STM-1116 Datasheet PDF - List of Unclassifed Manufacturers
Part # STM-1116
Download  STM-1116 Download
File Size   180.41 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800 - 1000 MHz High Linearity Active Transmit Mixer

STM-1116 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM-1116 Datasheet PDF - List of Unclassifed Manufacturers

Part # STM-1116
Download  STM-1116 Click to download

File Size   180.41 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800 - 1000 MHz High Linearity Active Transmit Mixer

STM-1116 Datasheet (HTML) - List of Unclassifed Manufacturers


STM-1116 Product details

[Sirenza]

Product Description
The Sirenza Microdevices’ STM-1116 is a high linearity active mixer for use in a wide variety of communication systems covering the 800-1000 MHz frequency bands. This device operates from a single 5V supply and provides 14 dB of conversion gain while requiring only 0dBm input to the integrated LO driver. The STM-1116 also includes an integrated on chip IF amplifier and is fabricated using Silicon Germanium (SiGe) device technology.

Product Features
• Active mixer with 14 dB conversion gain
• Integrated 0dBm LO drive and IF amplifier
• Differential or single-ended input
• Single supply operation (+5V)
• Broadband resistive 50Ω impedance on all three ports
• Low LO-RF leakage

Applications
• AMPS/GSM/CDMA800 tansmitters




Similar Part No. - STM-1116

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
More results


Similar Description - STM-1116

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
List of Unclassifed Man...
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com