Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC393P Datasheet (PDF) - Toshiba Semiconductor

TC74AC393P Datasheet PDF - Toshiba Semiconductor
Part # TC74AC393P
Download  TC74AC393P Download
File Size   298.99 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BINARY COUNTER

TC74AC393P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC393P Datasheet PDF - Toshiba Semiconductor

Part # TC74AC393P
Download  TC74AC393P Click to download

File Size   298.99 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BINARY COUNTER

TC74AC393P Datasheet (HTML) - Toshiba Semiconductor


TC74AC393P Product details

The TC74AC393 is an advanced high speed CMOS 4-BIT BINARY COUNTER fabricated with silicon gate and double-layer metal wiring C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. It contains two independent counter circuits in one package, so that counting or frequency division of eight binary bits can be achieved with one IC. This device changes state on the negative going transition of the CLOCK pulse. The counter can be reset to “0” (QA to QD = “L”) by a high at the CLEAR input regardless of other inputs. All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: fmax = 180 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
                                Capability of driving 50 Ω
                                transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F393




Similar Part No. - TC74AC393P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC393P TOSHIBA-TC74AC393P Datasheet
273Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
More results


Similar Description - TC74AC393P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
Dual binary counter
January 1995
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
DUAL BINARY COUNTER
Oct-1993
logo
Toshiba Semiconductor
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
257Kb / 7P
DUAL BINARY COUNTER
06-Aug-1997
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
DUAL BINARY COUNTER
logo
STMicroelectronics
M74HC393 STMICROELECTRONICS-M74HC393 Datasheet
199Kb / 11P
DUAL BINARY COUNTER
Jul-2001
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
logo
Nexperia B.V. All right...
HEF4520B-Q100 NEXPERIA-HEF4520B-Q100 Datasheet
184Kb / 14P
Dual binary counter
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
Dual Binary Counter
22-Feb-2017
TC74VHC393F TOSHIBA-TC74VHC393F_V01 Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
logo
Nexperia B.V. All right...
HEF4520B NEXPERIA-HEF4520B Datasheet
219Kb / 12P
Dual binary counter
Rev. 8 - 1 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com