Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAT-5+ Datasheet (PDF) - Mini-Circuits

PAT-5+ Datasheet PDF - Mini-Circuits
Part # PAT-5+
Download  PAT-5+ Download
File Size   316.58 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Input power 1W max

PAT-5+ Datasheet (PDF)

Go To PDF Page Download Datasheet
PAT-5+ Datasheet PDF - Mini-Circuits

Part # PAT-5+
Download  PAT-5+ Click to download

File Size   316.58 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Input power 1W max

PAT-5+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - PAT-5+

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PAT-0701 MICRO-ELECTRONICS-PAT-0701 Datasheet
174Kb / 1P
TRANSFORMER FOR ADSL MODEM
logo
Mini-Circuits
PAT-10+ MINI-PAT-10+ Datasheet
275Kb / 1P
DC to 7GHz
PAT-15+ MINI-PAT-15+ Datasheet
275Kb / 1P
DC to 7GHz
PAT-20+ MINI-PAT-20+ Datasheet
275Kb / 1P
DC to 7GHz
PAT-3+ MINI-PAT-3+ Datasheet
275Kb / 1P
DC to 7GHz
More results


Similar Description - PAT-5+

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
1W POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
1W POWER pHEMT
logo
Microdc power Technolog...
ID-XH30M-1W MICRODC-ID-XH30M-1W Datasheet
970Kb / 2P
1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
logo
MicroPower Direct, LLC
MPL-01SEUP MPD-MPL-01SEUP Datasheet
1Mb / 4P
1W Output Power
logo
Mini-Circuits
K3-GAT MINI-K3-GAT Datasheet
310Kb / 1P
Input power 0.5W max
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
1W Power LED
PM2B-1LXE ELITE-PM2B-1LXE Datasheet
1Mb / 20P
1W Power LED
PM2L-1LXE ELITE-PM2L-1LXE Datasheet
1Mb / 21P
1W Power LED
PP6N-1LXX ELITE-PP6N-1LXX Datasheet
634Kb / 23P
1W Power LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com