Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9560 Datasheet (PDF) - NXP Semiconductors

PCA9560 Datasheet PDF - NXP Semiconductors
Part # PCA9560
Download  PCA9560 Download
File Size   111.68 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch

PCA9560 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9560 Datasheet PDF - NXP Semiconductors

Part # PCA9560
Download  PCA9560 Click to download

File Size   111.68 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch

PCA9560 Datasheet (HTML) - NXP Semiconductors


PCA9560 Product details

DESCRIPTION
The PCA9560 is a 20-pin CMOS device consisting of two 6-bit non-volatile EEPROM registers, 5 hardware pin inputs and a 5-bit multiplexed output with one latched EEPROM bit. It is used for DIP switch-free or jumper-less system configuration and supports Mobile and Desktop VID Configuration, where 3 preset values (2 sets of internal non-volatile registers and 1 set of external hardware pins) set processor voltage for operation in either performance, deep sleep or deeper sleep modes. The PCA9560 is also useful in server and telecom/networking applications when used to replace DIP switches or jumpers, since the settings can be easily changed via I2C/SMBus without having to power down the equipment to open the cabinet. The non-volatile memory retains the most current setting selected before the power is turned off

FEATURES
• 5-bit 3-to-1 multiplexer, 1-bit latch DIP switch
• 5-bit external hardware pins
• Two 6-bit internal non-volatile registers, fully pin-to-pin compatible with PCA9559
• Selection between the two non-volatile registers
• Selection between non-volatile registers and external hardware pins
• I2C/SMBus interface logic
• Internal pull-up resistors on input pin and control signals
• Active high write protect on input controls the ability to write to the non-volatile registers
• 2 address pins, allowing up to 4 devices on the I2C-bus
• 5 open drain multiplexed outputs
• Open drain non-multiplexed output
• Internal 6-bit non-volatile registers programmable and readable via I2C-bus
• External hardware 5-bit value readable via I2C-bus
• Multiplexer selection can be overridden by I2C-bus
• Operating power supply voltage 3.0 V to 3.6 V
• 5 V and 2.5 V tolerant inputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA.
• Package offering: SO 20, TSSOP 20




Similar Part No. - PCA9560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560 NXP-PCA9560 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9560D PHILIPS-PCA9560D Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560PW PHILIPS-PCA9560PW Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
More results


Similar Description - PCA9560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
logo
Fairchild Semiconductor
FM3540 FAIRCHILD-FM3540 Datasheet
100Kb / 10P
4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
NXP Semiconductors
PCA9561 PHILIPS-PCA9561 Datasheet
111Kb / 17P
Quad 6-bit multiplexed I2C EEPROM DIP switch
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Texas Instruments
CYBUS3384 TI-CYBUS3384 Datasheet
227Kb / 11P
Dual 5-Bit Bus Switch
logo
NXP Semiconductors
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9561 PHILIPS-PCA9561_04 Datasheet
133Kb / 17P
Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com