Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9558 Datasheet (PDF) - NXP Semiconductors

PCA9558 Datasheet PDF - NXP Semiconductors
Part # PCA9558
Download  PCA9558 Download
File Size   165.8 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM

PCA9558 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9558 Datasheet PDF - NXP Semiconductors

Part # PCA9558
Download  PCA9558 Click to download

File Size   165.8 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM

PCA9558 Datasheet (HTML) - NXP Semiconductors


PCA9558 Product details

General description
The PCA9558 is a highly integrated, multi-function device that is composed of a 5-bit multiplexed/1-bit latched 6-bit I2C-bus/SMBus EEPROM DIP switch, an 8-bit I/O expander and a 2-kbit serial EEPROM with write protect. The PCA9558 integrates these commonly used components into a single chip to reduce component count and board space requirements and is useful in computer, server and telecom/networking applications.

Features
■ 5-bit 2-to-1 multiplexer, 1-bit latch DIP switch
■ 6-bit MUX_OUTx and NON_MUXED_OUT EEPROM programmable and readable via I2C-bus
■ 5 V tolerant open-drain MUX_OUTx and NON_MUXED_OUT outputs
■ Active LOW override input forces all MUX_OUTx outputs to logic 0
■ I2C-bus readable MUX_INx inputs
■ 5 V tolerant open-drain IOx pins, power-up default as outputs
■ 1 address pin, allowing up to 2 devices on the I2C-bus
■ Active LOW reset input with internal pull-up for the 8 I/O pins
■ 2048-bit EEPROM programmable and readable via the I2C-bus or I/Os
■ Operating power supply voltage range of 3.0 V to 3.6 V
■ SMBus compliance with fixed 3.3 V levels

■ 2.5 V to 5 V tolerant inputs
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

Applications
■ Board version tracking and configuration
■ Board health monitoring and status reporting
■ Multi-card systems in telecom, networking and base station infrastructure equipment
■ Field recall and troubleshooting functions for installed boards
■ General-purpose integrated I/O with DIP switch and memory




Similar Part No. - PCA9558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
PCA9558 NXP-PCA9558 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9558PW PHILIPS-PCA9558PW Datasheet
131Kb / 18P
8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
More results


Similar Description - PCA9558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9500 PHILIPS-PCA9500 Datasheet
145Kb / 21P
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9500 PHILIPS-PCA9500 Datasheet
169Kb / 23P
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
PCA9500 NXP-PCA9500 Datasheet
167Kb / 26P
8-bit I2C-bus and SMBus I/O port with 2-kbit EEPROM
Rev. 04-15 April 2009
PCA9501 NXP-PCA9501 Datasheet
178Kb / 28P
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
Rev. 04-10 February 2009
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com