Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTP84 Datasheet (PDF) - Diotec Semiconductor

MMFTP84 Datasheet PDF - Diotec Semiconductor
Part # MMFTP84
Download  MMFTP84 Download
File Size   142.96 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description P-Channel Enhancement Mode FET

MMFTP84 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFTP84 Datasheet PDF - Diotec Semiconductor

Part # MMFTP84
Download  MMFTP84 Click to download

File Size   142.96 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description P-Channel Enhancement Mode FET

MMFTP84 Datasheet (HTML) - Diotec Semiconductor


MMFTP84 Product details

Features
   Fast switching times
   Compliant to RoHS (w/o exemp.)
   REACH, Conflict Minerals 1)

Typical Applications
   Signal processing Drivers
   Logic level converter
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - MMFTP84

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTP84 SEMTECH_ELEC-MMFTP84 Datasheet
170Kb / 2P
P-Channel Enhancement Mode Vertical D-MOS Transistor
logo
VBsemi Electronics Co.,...
MMFTP84 VBSEMI-MMFTP84 Datasheet
986Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Diotec Semiconductor
MMFTP84 DIOTEC-MMFTP84 Datasheet
747Kb / 3P
P-Channel Enhancement Mode FET P-Kanal FET - Anreicherungstyp
Version 2021-05-27
MMFTP84 DIOTEC-MMFTP84_V01 Datasheet
747Kb / 3P
P-Channel Enhancement Mode FET P-Kanal FET - Anreicherungstyp
Version 2021-05-27
More results


Similar Description - MMFTP84

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP1320F ZETEX-ZVP1320F Datasheet
79Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310A ZETEX-ZVP3310A Datasheet
82Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424A ZETEX-ZVP4424A Datasheet
108Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Seme LAB
ZVP2106B SEME-LAB-ZVP2106B Datasheet
15Kb / 2P
P CHANNEL ENHANCEMENT MODE DMOS FET
logo
SamHop Microelectronics...
STM4437 SAMHOP-STM4437 Datasheet
644Kb / 7P
P -Channel Enhancement Mode MOS FET
logo
Supertex, Inc
VP5225 SUTEX-VP5225 Datasheet
662Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
TP0604N3-G SUTEX-TP0604N3-G Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
VP2206N3-G SUTEX-VP2206N3-G Datasheet
757Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Diotec Semiconductor
MMFTP84 DIOTEC-MMFTP84_V01 Datasheet
747Kb / 3P
P-Channel Enhancement Mode FET P-Kanal FET - Anreicherungstyp
Version 2021-05-27
MMFTP3401 DIOTEC-MMFTP3401 Datasheet
714Kb / 5P
P-Channel Enhancement Mode FET P-Kanal FET – Anreicherungstyp
2023-01-08
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com