Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH300FA Datasheet (PDF) - OSRAM GmbH

SFH300FA Datasheet PDF - OSRAM GmbH
Part # SFH300FA
Download  SFH300FA Download
File Size   265.8 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH300FA Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH300FA Datasheet PDF - OSRAM GmbH

Part # SFH300FA
Download  SFH300FA Click to download

File Size   265.8 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH300FA Datasheet (HTML) - OSRAM GmbH


SFH300FA Product details

Features
• Especially suitable for applications from
   420 nm to 1130 nm (SFH 300) and of 880 nm
   (SFH 300 FA)
• High linearity
• 5 mm LED plastic package
• Available in groups

Applications
• Computer-controlled flashes
• Photointerrupters
• Industrial electronics
• For control and drive circuits




Similar Part No. - SFH300FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH300FA SIEMENS-SFH300FA Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-2 SIEMENS-SFH300FA-2 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-3 SIEMENS-SFH300FA-3 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-4 SIEMENS-SFH300FA-4 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Similar Description - SFH300FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com