Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH300FA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH300FA
Description  Silicon NPN Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH300FA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH300FA Datasheet HTML 1Page - OSRAM GmbH SFH300FA Datasheet HTML 2Page - OSRAM GmbH SFH300FA Datasheet HTML 3Page - OSRAM GmbH SFH300FA Datasheet HTML 4Page - OSRAM GmbH SFH300FA Datasheet HTML 5Page - OSRAM GmbH SFH300FA Datasheet HTML 6Page - OSRAM GmbH SFH300FA Datasheet HTML 7Page - OSRAM GmbH SFH300FA Datasheet HTML 8Page - OSRAM GmbH SFH300FA Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor
Version 1.3
SFH 300 FA
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 730 ... 1120 nm
•
Package: 5mm Radial (T 1 ¾), Epoxy
•
Special: High linearity
•
Available in groups
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
•
Computer-controlled flashes
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, E
e = 0.5 mW/cm
2,
V
CE = 5 V
SFH 300 FA
≥ 630
Q62702P1193
SFH 300 FA-3/4
≥ 1000
Q62702P3585
Note:
Only one bin within one packing unit (variation less than 2:1)


Similar Part No. - SFH300FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH300FA SIEMENS-SFH300FA Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-2 SIEMENS-SFH300FA-2 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-3 SIEMENS-SFH300FA-3 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300FA-4 SIEMENS-SFH300FA-4 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH300FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com