Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB0130 Datasheet (PDF) - Anachip Corp

ASB0130 Datasheet PDF - Anachip Corp
Part # ASB0130
Download  ASB0130 Download
File Size   142.02 Kbytes
Page   3 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description SMD Schottky Barrier Diode

ASB0130 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASB0130 Datasheet PDF - Anachip Corp

Part # ASB0130
Download  ASB0130 Click to download

File Size   142.02 Kbytes
Page   3 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description SMD Schottky Barrier Diode

ASB0130 Datasheet (HTML) - Anachip Corp


ASB0130 Product details

Features
   IO = 100mA
   VR = 30V
- Designed for mounting on small surface.
- Extremely thin package.
- Low drop-down voltage.
- Majority carrier conduction.
- Lead-free device

Mechanical Data
- Case :0603(1608) 1005(2512) standard package, molded plastic.
- Terminals : Gold plated, solderable per MIL-STD-750, method 2026.
- Polarity : Indicated by cathode band.
- Mounting position : Any.
- Weight : BD:0.003gram (approximately)
                 BF:0.006gram (approximately)




Similar Part No. - ASB0130

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASB00340 ANACHIP-ASB00340 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB00340BD-0603 ANACHIP-ASB00340BD-0603 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB00340BF-1005 ANACHIP-ASB00340BF-1005 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB0230 ANACHIP-ASB0230 Datasheet
143Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB0240 ANACHIP-ASB0240 Datasheet
144Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
More results


Similar Description - ASB0130

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com