Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB0130 Datasheet(PDF) 1 Page - Anachip Corp

Part # ASB0130
Description  SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ASB0130 Datasheet(HTML) 1 Page - Anachip Corp

  ASB0130 Datasheet HTML 1Page - Anachip Corp ASB0130 Datasheet HTML 2Page - Anachip Corp ASB0130 Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASB0130
SMD Schottky Barrier Diode
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug 2, 2004
1/3
Features
100mA
I
O =
30V
V
R =
- Designed for mounting on small surface.
- Extremely thin package.
- Low drop-down voltage.
- Majority carrier conduction.
- Lead-free device
P+
Mechanical Data
- Case :0603(1608) 1005(2512) standard package,
molded plastic.
- Terminals : Gold plated, solderable per
MIL-STD-750, method 2026.
- Polarity : Indicated by cathode band.
- Mounting position : Any.
- Weight : BD:0.003gram (approximately)
BF:0.006gram (approximately)
General Description
0.010(0.25)Typ.
0.014(0.35)Typ.
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.028(0.70)
Dimensions in inches and (millimeter)
0603(1608)
0.071(1.80)
0.063(1.60)
0.012(0.30)Typ.
0.014(0.35)Typ.
0.014(0.35)Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.102(2.60)
0.095(2.40)
0.012(0.30)Typ.
Ordering information
AXX
XX XX XX
lo
Vo
BD-0603
Package type
SB : Schottky Barrier
Feature
BF-1005


Similar Part No. - ASB0130

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASB00340 ANACHIP-ASB00340 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB00340BD-0603 ANACHIP-ASB00340BD-0603 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB00340BF-1005 ANACHIP-ASB00340BF-1005 Datasheet
141Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB0230 ANACHIP-ASB0230 Datasheet
143Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
ASB0240 ANACHIP-ASB0240 Datasheet
144Kb / 3P
SMD Schottky Barrier Diode
Rev. 1.0 Aug 2, 2004
More results

Similar Description - ASB0130

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com