Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT67C Datasheet (PDF) - OSRAM GmbH

LBT67C Datasheet PDF - OSRAM GmbH
Part # LBT67C
Download  LBT67C Download
File Size   589.46 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Backlighting

LBT67C Datasheet (PDF)

Go To PDF Page Download Datasheet
LBT67C Datasheet PDF - OSRAM GmbH

Part # LBT67C
Download  LBT67C Click to download

File Size   589.46 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Backlighting

LBT67C Datasheet (HTML) - OSRAM GmbH


LBT67C Product details

TOPLED, SMT LED with integrated reflector. With our great experience in SMT LED we are able to offer a high quality product for all kind of applications.

Features:
• Package: white PLCC-2 package, colorless clear resin
• Technology: InGaN
• Viewing angle at 50 % IV: 120° (Lambertian Emitter)
• Color: blue (470 nm)
• Corrosion Robustness: Improved corrosion robustness

Applications
• Backlighting
• Automotive Lighting Interior and Exterior
• Signal and Symbol Luminary
• Scanners




Similar Part No. - LBT67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LBT673-L2P2-25-1 OSRAM-LBT673-L2P2-25-1 Datasheet
636Kb / 22P
Optical Indicator
LBT673-M2N2-1 OSRAM-LBT673-M2N2-1 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LBT673-N2Q1-1 OSRAM-LBT673-N2Q1-1 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LBT673 OSRAM-LBT673_17 Datasheet
636Kb / 22P
Optical Indicator
More results


Similar Description - LBT67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com