Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet (PDF) - ATMEL Corporation

ATSHA204A Datasheet PDF - ATMEL Corporation
Part # ATSHA204A
Download  ATSHA204A Download
File Size   715.54 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage

ATSHA204A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSHA204A Datasheet PDF - ATMEL Corporation

Part # ATSHA204A
Download  ATSHA204A Click to download

File Size   715.54 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage

ATSHA204A Datasheet (HTML) - ATMEL Corporation


ATSHA204A Product details

The ATSHA204A device includes an Electrically Erasable Programmable Read-Only Memory (EEPROM) array that can be used for key storage, miscellaneous read/write data, read-only, secret data, consumption logging, and security configuration.
Access to the various sections of memory can be restricted in a variety of ways, and the configuration can then be locked to prevent changes.

Features
● Crypto Element with Protected Hardware-based Key Storage
● Secure Symmetric Authentication Device Host and Client Operations
● Superior SHA-256 Hash Algorithm with Message Authentication Code (MAC)
   and Hash-Based Message Authentication Code (HMAC) Options
● Best-in-class, 256-bit Key Length; Storage for Up to 16 Keys
● Guaranteed Unique 72-bit Serial Number
● Internal, High-quality Random Number Generator (RNG)
● 4.5Kb EEPROM for Keys and Data
● 512 bit OTP (One Time Programmable) Bits for Fixed Information
● Multiple I/O Options
   ̶ UART-compatible High-Speed, Single-Wire Interface
   ̶ 1MHz I2C Interface
● 2.0V to 5.5V Supply Voltage Range
● 1.8V to 5.5V Communications Voltage Range
● <150nA Sleep Current
● Secure Download and Boot
   ̶ Ecosystem Control
   ̶ Message Security
   ̶ Anti-Cloning
● 8-lead SOIC, 8-lead TSSOP(2), 3-lead SOT23, 8-pad UDFN, 8-pad XDFN, and
   3-lead CONTACT Packages

Applications
● Secure Download and Boot
● Ecosystem Control
● Anti-cloning
● Message Security




Similar Part No. - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSHA204A MICROCHIP-ATSHA204A Datasheet
911Kb / 93P
ATSHA204A Microchip CryptoAuthentication Data Sheet
Revision:A April 2018
ATSHA204A MICROCHIP-ATSHA204A Datasheet
273Kb / 1P
CryptoAuthentication SOIC Socket Board 88CKSCKTSOIC XPRO
logo
ATMEL Corporation
ATSHA204A-MAHCZ-T ATMEL-ATSHA204A-MAHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MAHDA-T ATMEL-ATSHA204A-MAHDA-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MXHCZ-T ATMEL-ATSHA204A-MXHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
More results


Similar Description - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA10HS ATMEL-AT88SA10HS Datasheet
589Kb / 23P
CryptoAuthentication??Host Security Chip
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
Atmel CryptoAuthentication
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
Atmel CryptoAuthentication
logo
Microchip Technology
ATECC508A MICROCHIP-ATECC508A Datasheet
924Kb / 109P
Cryptographic Co-processor with Secure Hardware-Based Key Storage
2017
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com