Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet (PDF) - Microchip Technology

ATSHA204A Datasheet PDF - Microchip Technology
Part # ATSHA204A
Download  ATSHA204A Download
File Size   911.61 Kbytes
Page   93 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATSHA204A Microchip CryptoAuthentication Data Sheet

ATSHA204A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSHA204A Datasheet PDF - Microchip Technology

Part # ATSHA204A
Download  ATSHA204A Click to download

File Size   911.61 Kbytes
Page   93 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATSHA204A Microchip CryptoAuthentication Data Sheet

ATSHA204A Datasheet (HTML) - Microchip Technology


ATSHA204A Product details

Features
• Crypto Element with Protected Hardware-Based Key Storage
• Secure Symmetric Authentication Device Host and Client Operations
• Superior SHA-256 Hash Algorithm with Message Authentication Code (MAC) and Hash-Based
Message Authentication Code (HMAC) Options
• Best-in-class, 256-bit Key Length; Storage for Up to 16 Keys
• Guaranteed Unique 72-bit Serial Number
• Internal, High-quality Random Number Generator (RNG)
• 4.5 kb EEPROM for Keys and Data
• 512 bit OTP (One Time Programmable) Bits for Fixed Information
• Multiple I/O Options
– UART-compatible High-Speed, Single-Wire Interface
– 1 MHz I2C Interface
• 2.0V to 5.5V Supply Voltage Range
• 1.8V to 5.5V Communications Voltage Range
• <150 nA Sleep Current
• Secure Download and Boot
– Ecosystem Control
– Message Security
– Anti-Cloning
• 8-lead SOIC, 8-lead TSSOP (2), 3-lead SOT23, 8-pad UDFN and
3-lead CONTACT Packages
Applications
• Secure Download and Boot
• Ecosystem Control
• Anti-cloning
• Message Security




Similar Part No. - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSHA204A ATMEL-ATSHA204A Datasheet
715Kb / 2P
CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage
logo
Microchip Technology
ATSHA204A MICROCHIP-ATSHA204A Datasheet
273Kb / 1P
CryptoAuthentication SOIC Socket Board 88CKSCKTSOIC XPRO
logo
ATMEL Corporation
ATSHA204A-MAHCZ-T ATMEL-ATSHA204A-MAHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MAHDA-T ATMEL-ATSHA204A-MAHDA-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MXHCZ-T ATMEL-ATSHA204A-MXHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
More results


Similar Description - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
Atmel CryptoAuthentication
logo
AVX Corporation
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
Atmel CryptoAuthentication
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608B MICROCHIP-ATECC608B Datasheet
984Kb / 28P
CryptoAuthentication™ Device Summary Data Sheet
July 2020 Revision A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com