Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 6 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 2Page - Microchip Technology ATSHA204A Datasheet HTML 3Page - Microchip Technology ATSHA204A Datasheet HTML 4Page - Microchip Technology ATSHA204A Datasheet HTML 5Page - Microchip Technology ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Using the Single-Wire Interface, multiple ATSHA204A devices can share the same bus, which saves
processor GPIO usage in systems with multiple clients such as different color ink tanks or multiple spare
parts, as examples. See Section Sharing the Interface and Section Pause Command for details on how
this is implemented.
Each ATSHA204A ships with a guaranteed unique 9-byte (72-bit) serial number. Using the cryptographic
protocols supported by the device, a Host system or remote server can prove that the serial number is
authentic and is not a copy. Serial numbers are often stored in a standard Serial EEPROM, which can be
easily copied with no way for the Host to know if the serial number is authentic or if it is a clone. The
entire serial number must be utilized to guarantee uniqueness.
The ATSHA204A can generate high-quality random numbers and employ them for any purpose, including
as part of the crypto protocols of this device. Because each 32-byte (256-bit) random number is not
dependent on past numbers generated on this or any other device, their inclusion in the protocol
calculation ensures that replay attacks (for instance. re-transmitting a previously successful transaction)
always fail. See Section Random Number Generator (RNG) and Section Random Command.
System integration is made easy by a wide supply voltage range (of 2.0V through 5.5V) and an ultra-low
sleep current (of <150 nA). Complete DC parameters are found in Section Electrical Characteristics,
which describes multiple package options, including a tiny UDFN package with a footprint of only 2.0 mm
x 3.0 mm. See Section Package Drawings for more details and ordering codes.
See Section Compatibility for information regarding compatibility with the Microchip ATSHA204.
1.3
Cryptographic Operation
The ATSHA204A supports a standard challenge-response protocol to simplify programming. In its most
basic installation, the Host system sends a challenge (for example a number) to the device in the Client,
which combines that challenge with a secret key by using the Message Authentication Code
(MAC) command from the system, as described in Section MAC Command and sends that response
back to the system. The device uses a cryptographic hash algorithm to make that combination (which is
also known as a digest). The use of a hash algorithm prevents an observer on the bus from deriving the
value of the secret key, while allowing the recipient to verify that the response is correct by performing the
same calculation combining the challenge with the secret to create a digest using a stored copy of the
secret.
This basic operation can be expanded in many ways because of the flexible command set of the
ATSHA204A. By using the GenDig command (Section GenDig Command), the values in other slots can
be included in the response digest, which provides an effective way of proving that a data read really did
come from the device, as opposed to being inserted by a man-in-the-middle attacker. This same
command can be used to combine two keys with the challenge, which is useful when there are multiple
layers of authentication to be performed.
The DeriveKey command (Section DeriveKey Command) implements a key rolling scheme.
Depending upon the command mode parameter, the resulting operation can be similar to that
implemented in a remote-controlled garage door opener, for example. Each time the key is used, the
current value of the key is cryptographically combined with a value specific to that system and that result
then forms the key for the next cryptographic operation. Even if an attacker obtains the value of one key,
that key disappears forever with the next use.
DeriveKey can also be used to generate new random keys that might be valid only for a particular Host
ID, for a particular time period, or for some other restricted condition. Each generated key is different from
ATSHA204A
Introduction
© 2018 Microchip Technology Inc.
DS40002025A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com