Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 45 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 41Page - Microchip Technology ATSHA204A Datasheet HTML 42Page - Microchip Technology ATSHA204A Datasheet HTML 43Page - Microchip Technology ATSHA204A Datasheet HTML 44Page - Microchip Technology ATSHA204A Datasheet HTML 45Page - Microchip Technology ATSHA204A Datasheet HTML 46Page - Microchip Technology ATSHA204A Datasheet HTML 47Page - Microchip Technology ATSHA204A Datasheet HTML 48Page - Microchip Technology ATSHA204A Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
In most but not all cases, failing commands return relatively quickly, often well before the typical execution
time.
Table 8-4. Command Opcodes, Short Descriptions and Execution Times
Command
Opcode Description
Typ. Exec.
Time(1), ms
Max. Exec.
Time(2), ms
DeriveKey
0x1C
Derive a target key value from the target or parent key.
14
62
DevRev
0x30
Return device revision information.
0.4
2
GenDig
0x15
Generate a data protection digest from a random or input
seed and a key.
11
43
HMAC
0x11
Calculate response from key and other internal data using
HMAC/SHA-256.
27
69
CheckMac
0x28
Verify a MAC calculated on another Microchip
CryptoAuthentication device.
12
38
Lock
0x17
Prevent further modifications to a zone of the device.
5
24
MAC
0x08
Calculate response from key and other internal data using
SHA-256.
12
35
Nonce
0x16
Generate a 32-byte random number and an internally stored
nonce.
22
60
Pause
0x01
Selectively put just one device on a shared bus into the idle
state.
0.4
2
Random
0x1B
Generate a random number.
11
50
Read
0x02
Read four bytes from the device, with or without
authentication and encryption.
0.4
4
SHA
0x47
Calculate a SHA256 digest for any system purpose.
11
22
UpdateExtra
0x20
Update bytes 84 or 85 within the Configuration zone after
the Configuration zone is locked.
8
12
Write
0x12
Write 4 or 32 bytes to the device, with or without
authentication and encryption.
4
42
Note: 
1.
Typical execution times are representative of the duration to execute the command assuming no
error conditions, fastest mode setting, no optional internal actions such as limited use keys and
favorable environmental conditions. For best performance, delay for this interval and then start
polling to determine actual command completion.
2.
Maximum execution times are representative of the longest duration of a successful command
execution with all mode and internal actions enabled under extended statistical and environmental
conditions. Execution time may extend beyond these values in extreme situations.
8.5.3
Zone Encoding
The value in Param1 for both the Read command and the Write command controls which zone the
command accesses. See Section Configuration Zone Locking to obtain more information on what
controls the “locked” and “unlocked” states for each zone. All other zone values are reserved and should
not be used.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com