Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 40 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 40 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 36Page - Microchip Technology ATSHA204A Datasheet HTML 37Page - Microchip Technology ATSHA204A Datasheet HTML 38Page - Microchip Technology ATSHA204A Datasheet HTML 39Page - Microchip Technology ATSHA204A Datasheet HTML 40Page - Microchip Technology ATSHA204A Datasheet HTML 41Page - Microchip Technology ATSHA204A Datasheet HTML 42Page - Microchip Technology ATSHA204A Datasheet HTML 43Page - Microchip Technology ATSHA204A Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
7.4.1
VIH and VIL Specifications
The input voltage thresholds when in sleep or idle mode are dependent on the VCC level as shown in the
graph in VIH and VIL When in Sleep or Idle Mode.
Figure 7-4. VIH and VIL When in Sleep or Idle Mode
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.0
3.0
4.0
5.0
6.0
VCC
VIH
VIL
VIH, VIL When in Sleep or Idle Mode
When the device is active (for instance, not in sleep or idle mode), the input voltage thresholds are
different, depending on the state of TTLenable (bit 3) within the I2C_Address byte stored in the
Configuration zone of the EEPROM. When a common voltage is used for the ATSHA204A VCC pin and
the input pull-up resistor, then this bit should be set to a one, which permits the input thresholds to track
the supply as shown in Figure 7-5.
If the voltage supplied to the VCC pin of the ATSHA204A is different from the system voltage to which the
input pull-up resistor is connected, then the system designer may chose to set TTLenable to zero. This
enables a fixed input threshold and the input signal must meet the threshold levels as shown in Table 7-6.
Figure 7-5. VIH and VIL When TTLenable = 1 on All I/O Interfaces
VIH, VIL when TTLenable is 1
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
3.20
2.0
3.0
4.0
5.0
6.0
VIH
VIL
VCC
ATSHA204A
Electrical Characteristics
© 2018 Microchip Technology Inc.
DS40002025A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com