Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 85 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 85 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 81Page - Microchip Technology ATSHA204A Datasheet HTML 82Page - Microchip Technology ATSHA204A Datasheet HTML 83Page - Microchip Technology ATSHA204A Datasheet HTML 84Page - Microchip Technology ATSHA204A Datasheet HTML 85Page - Microchip Technology ATSHA204A Datasheet HTML 86Page - Microchip Technology ATSHA204A Datasheet HTML 87Page - Microchip Technology ATSHA204A Datasheet HTML 88Page - Microchip Technology ATSHA204A Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
13.3.3
Created Keys
In order to support unique ephemeral keys for every Client, the ATSHA204A also supports key creation.
In this mechanism, a “parent” key (specified by SlotConfig.writeKey) is combined with a fixed or random
nonce to create a unique key, which is then used for any cryptographic purpose.
The ability to create unique keys is especially useful if the parent key has usage restrictions (see Section
Limited-use Keys and Section Limited-use Key in the following sections). In this mode, the limited use
parent key can be employed to create an unlimited use child key. Because the child key is useful only for
this particular Host-Client pair, attacks on its value are less valuable.
This capability is also implemented using the DeriveKey command. Prior to execution of the
DeriveKey command, the Nonce command must be run to load the nonce value into TempKey. Each
time the create operation is performed on slots 0 through 7; the UpdateCount field for that slot is
incremented.
13.3.4
Limited-use Keys
For the SlotID values corresponding to slots 0 through 7 in the data section of the EEPROM, repeated
usage of the key stored in the slot can be strictly limited. This feature is enabled if the LimitedUse bit is
set in the SlotConfig field. The LimitedUse bit is ignored for slots 8 through 14. The number of remaining
uses is stored as a bit map in the UseFlag byte corresponding to the slot in question.
Prior to execution of any cryptographic command that uses this slot as a key, the following takes place:
•
If SlotConfig<SlotID>.LimitedUse is set and UseFlag<SlotID> is 0x00, the device returns an error.
•
Starting at bit 7 of UseFlag<SlotID>, clear to zero the first bit that is currently a one.
In practice, this procedure permits LimitedUse keys to be used eight times between “refreshes” using the
DeriveKey command. If power is lost during the execution of any command referencing a key that has
this feature enabled, one of the use bits in UseFlag may still be cleared even though the command did
not complete. For this reason, Microchip recommends that the key be used a single time only, with the
other bits providing a safety margin for errors.
Under normal circumstances, all eight UseFlag bytes should be initialized to 0xFF. If it is the intention to
permit fewer than eight uses of a particular key, these bytes should be initialized to 0x7F (seven uses),
0x3F (six uses), 0x1F (five uses), 0x0F (four uses), 0x07 (three uses), 0x03 (two uses), or 0x01 (one
use). Initialization to any other value besides these values or 0xFF is prohibited.
The Read, Write and DeriveKey commands operate slightly differently as noted below:
•
Read and Write
These commands ignore the state of the LimitedUse bit and the UseFlag byte does not change as
a result of their execution. LimitedUse slots in which the UseFlag is exhausted (value of 0x00) can
still be read or written (subject to the appropriate SlotConfig limitations) although the value in the
slot cannot ever be used as a key for cryptographic commands.
If SlotConfig.WriteKey for slot X points back to X, but UseFlag<X> is exhausted, then encrypted
writes to the slot never succeed because the prior GenDig command will have returned an error
due to the usage limitation. A similar situation occurs with reads and ReadKey. Slots used as keys
should never have IsSecret set to zero or WriteConfig set to always.
•
DeriveKey
If the parent key is used for either authentication or as the source, then if LimitedUse (for the
parent) is set and UseFlag (also for the parent) is 0x00, the DeriveKey command returns an
error. The LimitedUse and UseFlag bits are ignored for the target key. When successfully executed,
ATSHA204A
Reference and Application Notes
© 2018 Microchip Technology Inc.
DS40002025A-page 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com