Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 29 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 29 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 25Page - Microchip Technology ATSHA204A Datasheet HTML 26Page - Microchip Technology ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology ATSHA204A Datasheet HTML 30Page - Microchip Technology ATSHA204A Datasheet HTML 31Page - Microchip Technology ATSHA204A Datasheet HTML 32Page - Microchip Technology ATSHA204A Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
Figure 6-1. Data Bit Transfer on I2C Interface
SCL
Data Line
Stable;
Data Valid
Change
of Data
Allowed
SDA
•
Start Condition: a high-to-low transition of SDA with SCL high is a Start condition, which must
precede all commands.
•
Stop Condition: a low-to-high transition of SDA with SCL high is a Stop condition. After this
condition is received by the device, the current I/O transaction ends. On input, if the device has
sufficient bytes to execute a command, the device transitions to the busy state and begins
execution. Microchip recommends that a Stop condition be sent after any packet is sent to the
device although it may not always be required. The device starts when the correct number of bytes
is received. In the case of an error on the bus, the device resets on the watchdog timer.
Figure 6-2. Start and Stop Conditions on I2C Interface
SCL
SDA
Start
Condition
Stop
Condition
SP
•
Acknowledge (ACK): on the ninth clock cycle after every address or data byte has been
transferred, the receiver pulls the SDA pin low to acknowledge proper reception of the byte.
•
Not Acknowledge (NACK): alternatively, on the ninth clock cycle after every address or data byte
has been transferred, the receiver can leave the SDA pin high to indicate that there was a problem
with the reception of the byte or that this byte completes the block transfer.
ATSHA204A
I2C Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com