Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 7 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 3Page - Microchip Technology ATSHA204A Datasheet HTML 4Page - Microchip Technology ATSHA204A Datasheet HTML 5Page - Microchip Technology ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
any other key ever generated on any device. By “activating” a Host-Client pair in the field in this manner,
a clone of a single Client can not work on any other Host.
In a Host-Client configuration where the Host (for example a mobile phone) needs to verify a Client (for
instance an OEM battery), there is a need to store the secret in the Host in order to validate the response
from the Client. The CheckMac command (Section CheckMac Command) allows the Host device to
securely store the Client’s secret and hide the correct response value from the pins, returning only a
yes/no answer to the system.
Where a user-entered password is required, the CheckMac command also provides a way to both verify
the password without exposing it on the communications bus and map the password to a stored value
that can have much higher entropy. See Section Password Checking for details.
Finally, the hash combination (for example digest) of a challenge and secret key can be kept on the
device and XORed with the contents of a slot to implement an encrypted read (Section Read Command),
or it can be XORed with encrypted input data to implement an encrypted write (Section Write
Command).
Each of these operations can be protected against replay attacks by including a random nonce (Section
Nonce Command) in the calculation.
All security functions are implemented using the industry-standard SHA-256 secure hash algorithm,
which is part of the latest set of high-security cryptographic algorithms recommended by various
government agencies and cryptographic experts. Section SHA-256 includes a reference to the algorithm
details. If desired, the SHA-256 algorithm can also be included in an HMAC sequence (See Section HMAC
Command). The ATSHA204A employs full-sized, 256-bit secret keys to prevent any kind of exhaustive
attack.
ATSHA204A
Introduction
© 2018 Microchip Technology Inc.
DS40002025A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com