Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 31 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 31 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology ATSHA204A Datasheet HTML 30Page - Microchip Technology ATSHA204A Datasheet HTML 31Page - Microchip Technology ATSHA204A Datasheet HTML 32Page - Microchip Technology ATSHA204A Datasheet HTML 33Page - Microchip Technology ATSHA204A Datasheet HTML 34Page - Microchip Technology ATSHA204A Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
ATSHA204A
I2C Name
Direction Description
7 of the I2C_Address byte in the Configuration zone. Bit 0 of this byte is
the standard I2C R/W bit and should be zero to indicate a Write
operation (the bytes following the device address travel from the master
to the slave).
Data
Data1,N
To Slave
The input block.
Because the device treats the command input buffer as a FIFO, the input block can be sent to the device
in one or many I2C command blocks. The first byte sent to the device is the count, so after the device
receives that number of bytes, it ignores any subsequently received bytes until execution is finished.
The system must send a Stop condition after the last command byte to ensure that the ATSHA204A
starts the computation of the command. Failure to send a Stop condition can eventually result in a loss of
synchronization (See Section I2C Synchronization for recovery procedures).
6.2.1
Word Address Values
During an I2C write packet, the ATSHA204A interprets the second byte sent as the word address, which
indicates the packet function, as described in the table below.
Table 6-2. Word Address Values
Name
Value
Description
Reset
0x00
Reset the address counter. The next read or write transaction starts with the
beginning of the I/O buffer.
Sleep
(Low Power)
0x01
The ATSHA204A goes into the low-power sleep mode and ignores all
subsequent I/O transitions until the next Wake flag. The entire volatile state of
the device is reset.
Idle
0x02
The ATSHA204A goes into the idle state and ignores all subsequent I/O
transitions until the next Wake flag. The contents of TempKey and RNG Seed
registers are retained.
Command
0x03
Write subsequent bytes to sequential addresses in the input command buffer
that follow previous writes. This is the normal operation.
Reserved
0x04 - 0xFF These addresses should not be sent to the device.
6.2.2
Command Completion Polling
After a complete command has been sent to the ATSHA204A, the device will be busy until the command
computation completes. The system has two options for this delay:
•
Polling
The system should wait tEXEC (typical) and then send a read sequence (See Section I2C
Transmission from the ATSHA204A Device). If the device NACKs the device address, then it is
still busy. The system may delay for some time or immediately send another read sequence, again
looping on NACK. After a total delay of tEXEC (max), the device will have completed the
computation and can return the results.
•
Single Delay
The system should wait tEXEC (max), after which the device will have completed execution and the
result can be read from the device using a normal read sequence.
ATSHA204A
I2C Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com