Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 22 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 18Page - Microchip Technology ATSHA204A Datasheet HTML 19Page - Microchip Technology ATSHA204A Datasheet HTML 20Page - Microchip Technology ATSHA204A Datasheet HTML 21Page - Microchip Technology ATSHA204A Datasheet HTML 22Page - Microchip Technology ATSHA204A Datasheet HTML 23Page - Microchip Technology ATSHA204A Datasheet HTML 24Page - Microchip Technology ATSHA204A Datasheet HTML 25Page - Microchip Technology ATSHA204A Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
5.
Single-Wire Interface
In the Single-Wire Interface mode, communications to and from the ATSHA204A take place over the SDA
pin, a single, asynchronously timed wire and the SCL pin is ignored.
The sleep current specification values are guaranteed only if the SCL pin is held low or left unconnected.
The overall communications structure is a hierarchy: The table below shows the tokens used for the
Single-Wire Interface with a standard RS-232 port. The Host UART port should be set to 7-bit data words
and 230.4 kBaud data rate.
Table 5-1. Wake and I/O Tokens
Token Type
Token
Value
Start (1)
Wake Token LSb: MSb
Stop (1)
b0
b1
b2
b3
b4
b5
b6
Wake (2)
0x00
0
0
0
0
0
0
0
0
1
Logic 0 (3)
0x7D
0
1
0
1
1
1
1
1
1
Logic 1 (3)
0X7F
0
1
1
1
1
1
1
1
1
Note: 
1.
All Tokens must be preceded by a LOW Start Pulse to synchronize the data capture and end with a
HIGH Stop value.
2.
A Wake Token creates a low pulse great enough to wake up the device.
3.
Logic 0, Logic 1 I/O tokens represent a single bit of data. 8 I/O tokens would be needed to create a
single byte of data.
I/O Flags - Flags consist of eight tokens (bits) that convey the direction and meaning of the next group of
bits (if any) that may be transmitted. Flags are always transmitted LSb first.
Blocks - Blocks of data follow the command and transmit flags. They incorporate both a byte count and a
checksum to ensure proper data transmission.
Packets - Packets of bytes form the core of the block (minus the byte count and CRC). They are either
the input or output parameters of a CryptoAuthentication command or status information from the
ATSHA204A.
5.1
I/O Tokens
There are a number of I/O tokens that may be transmitted over the Single-Wire Interface:
•
Input (to the ATSHA204A)
–
Wake: wake the device up from either sleep or idle states.
–
Zero: send a single bit from the system to the device with a value of zero.
–
One: send a single bit from the system to the device with a value of one.
•
Output (from the ATSHA204A)
–
ZeroOut: send a single bit from the device to the system with a value of zero.
–
OneOut: send a single bit from the device to the system with a value of one.
The waveforms are the same in either direction. There are some differences in timing; however, based on
the expectation that the Host has a very accurate and consistent clock, while the ATSHA204A has
ATSHA204A
Single-Wire Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com