Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 49 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 49 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 45Page - Microchip Technology ATSHA204A Datasheet HTML 46Page - Microchip Technology ATSHA204A Datasheet HTML 47Page - Microchip Technology ATSHA204A Datasheet HTML 48Page - Microchip Technology ATSHA204A Datasheet HTML 49Page - Microchip Technology ATSHA204A Datasheet HTML 50Page - Microchip Technology ATSHA204A Datasheet HTML 51Page - Microchip Technology ATSHA204A Datasheet HTML 52Page - Microchip Technology ATSHA204A Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Figure 8-1. Data Flow for CheckMac Command
Slot<SlotID>
TempKey
Response
0X01
SHA
(AUTH)
Match
0x00
Mode
Mode
8.5.6
DeriveKey Command
The device combines the current value of a key with the nonce stored in TempKey using SHA-256 and
places the result into the target key slot. SlotConfig<TargetKey>.Bit13 must be set or DeriveKey returns
an error.
If SlotConfig<TargetKey>.Bit12 is zero, the source key that is combined with TempKey is the target key
specified in the command line (Roll-Key operation). If SlotConfig<TargetKey>.Bit12 is one, the source key
is the parent key of the target key, which is found in SlotConfig<TargetKey>.WriteKey (Create Key
operation).
Prior to execution of the DeriveKey command, the Nonce command must have been run to create a
valid nonce in TempKey. Depending upon the state of bit two of the input mode, this nonce would have
been created with the internal RNG, or it would have been fixed.
If SlotConfig<TargetKey>.Bit15 is set, an input MAC must be present and had been computed as follows:
SHA-256(ParentKey, Opcode, Param1, Param2, SN<8>, SN<0:1>)
where the ParentKey ID is always SlotConfig<TargetKey>.WriteKey.
If SlotConfig<TargetKey>.Bit12 or SlotConfig<TargetKey>.Bit15 is set and
SlotConfig<ParentKey>.LimitedUse is also set, DeriveKey returns an error if UseFlag<ParentKey> is
0x00. DeriveKey ignores LimitedUse and UseFlag for the target key if SlotConfig<TargetKey>.Bit12
and SlotConfig<TargetKey>.Bit15 are both zero.
For slots 0 through 7 only, if input parsing and the optional MAC check succeed, UseFlag<TargetKey>
gets set to 0xFF and UpdateCount<TargetKey> is incremented. If UpdateCount currently has a value of
0xFF, then it wraps to zero. If the command fails for any reason, these bytes can not be updated. The
value of UpdateCount may be corrupted if power is interrupted during the execution of DeriveKey.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com