Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 39 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 35Page - Microchip Technology ATSHA204A Datasheet HTML 36Page - Microchip Technology ATSHA204A Datasheet HTML 37Page - Microchip Technology ATSHA204A Datasheet HTML 38Page - Microchip Technology ATSHA204A Datasheet HTML 39Page - Microchip Technology ATSHA204A Datasheet HTML 40Page - Microchip Technology ATSHA204A Datasheet HTML 41Page - Microchip Technology ATSHA204A Datasheet HTML 42Page - Microchip Technology ATSHA204A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Symbol
Parameter
Min
Max
Units
tSU.DAT
Data in Setup Time
100
ns
tHD.DAT
Data in Hold Time
0
ns
tR
Input rise time(1)
300
ns
tF
Input Fall Time(1)
100
ns
tAA
Clock Low to Data Out Valid
50
550
ns
tDH
Data Out Hold Time
50
ns
tBUF
Time bus must be free before a new transmission can start.(1)
500
ns
Note: 
1.
Values are based on characterization, but are not tested.
AC measurement conditions:
•
RL (connects between SDA and VCC): 1.2 kΩ (for VCC +2.0V to +5.0V)
•
Input pulse voltages: 0.3VCC to 0.7VCC
•
Input rise and fall times: ≤ 50 ns
•
Input and output timing reference voltage: 0.5VCC
7.4
DC Parameters — All I/O Interfaces
Table 7-5. DC Parameters on All I/O Interfaces
Parameter
Symbol Min Typ Max Unit Notes
Ambient Operating
Temperature
TA
-40
85
°C
Power Supply Voltage
VCC
2.0
5.5
V
Active Power Supply
Current
ICC
500
µA 0°C → +70°C, VCC = 3.3V.
—
2
mA -40°C → +85°C, VCC = 5.5V.
Idle Power Supply
Current
I IDLE
200
µA
When device is in idle mode, VCC = 3.3V,
VSDA and VSCL < 0.3V or > > VCC-0.3.
Sleep Current
I SLEEP
30 150
nA
When device is in sleep mode, VCC ≤ 3.6V,
VSDA and VSCL < 0.3V or > VCC-0.3, TA ≤
55°C
2
µA
When device is in sleep mode; all operating
conditions.
Output Low Voltage
VOL
0.4
V
When device is in active mode, VCC = 2.5 –
5.5V.
Output Low Current
IOL
4
mA
When device is in active mode, VCC = 2.5 –
5.5V,
VOL = 0.4V.
ATSHA204A
Electrical Characteristics
© 2018 Microchip Technology Inc.
DS40002025A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com