Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 35 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 35 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 31Page - Microchip Technology ATSHA204A Datasheet HTML 32Page - Microchip Technology ATSHA204A Datasheet HTML 33Page - Microchip Technology ATSHA204A Datasheet HTML 34Page - Microchip Technology ATSHA204A Datasheet HTML 35Page - Microchip Technology ATSHA204A Datasheet HTML 36Page - Microchip Technology ATSHA204A Datasheet HTML 37Page - Microchip Technology ATSHA204A Datasheet HTML 38Page - Microchip Technology ATSHA204A Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
7.
Electrical Characteristics
7.1
Absolute Maximum Ratings
Operating Temperature
−40°C to +85°C
Storage Temperature
−65°C to + 150°C
Maximum Operating Voltage
6.0V
DC Output Current
5.0 mA
Voltage on any pin
0.5V to (VCC + 0.5V)
ESD Ratings:
Human Body Model(HBM) ESD
>4kV
Charge Device Model(CDM) ESD
>1kV
Note:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
condition beyond those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
7.2
Reliability
The ATSHA204A is fabricated with the high reliability of a Microchip CMOS EEPROM manufacturing
technology.
Table 7-1. EEPROM Reliability
Parameter
Min
Typical
Max
Units
Write Endurance (each byte at 25°C)
100,000
Write Cycles
Data Retention (at 55°C)
10
Years
Data Retention (at 35°C)
30
50
Years
Read Endurance
Unlimited
Read Cycles
7.3
AC Parameters — All I/O Interfaces
Figure 7-1. AC Timing Diagram — All I/O Interfaces
Data Comm
Wake
tLIGNORE
tHIGNORE
Noise
Suppresion
tWLO
tWHI
ATSHA204A
Electrical Characteristics
© 2018 Microchip Technology Inc.
DS40002025A-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com