Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 13 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology ATSHA204A Datasheet HTML 12Page - Microchip Technology ATSHA204A Datasheet HTML 13Page - Microchip Technology ATSHA204A Datasheet HTML 14Page - Microchip Technology ATSHA204A Datasheet HTML 15Page - Microchip Technology ATSHA204A Datasheet HTML 16Page - Microchip Technology ATSHA204A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Bit
Name
Description
7
IsSecret
0 =
The slot is not secret and allows clear read, clear write, no MAC check and no
Derivekey Command.
1 = The slot is secret. Reads and writes if allowed, must be encrypted.
6
EncryptRead
0 =
Clear reads are permitted.
1 =
Requires the slot to be Secret and encrypted read to access.
5
LimitedUse(1)
0 = No limit on the number of time the key can be used.
1 =
Limit on the number of time the key can be used based on the UseFlag (or
LastKeyUse) for the slot.
4
CheckOnly
0 = This slot can be used for all crypto commands.
1 =
This slot can only be used for CheckMac and GenDig followed by CheckMac
Commands.
3-0
ReadKey
Slot of the key to be used for encrypted reads.
If 0x0, then this slot can be used as the source slot for the CheckMac/Copy Command.
Note: 
1.
LimitedUse bit was previously named SingleUse.
Table 2-6. Write Configuration Bits — Derivekey Command
Bit 15 Bit 14 Bit 13 Bit 12 Source Key(1) Description
0
X
1
0
Target
DeriveKey command can be run without authorizing MAC (Roll).
1
X
1
0
Target
Authorizing MAC required for DeriveKey command (Roll).
0
X
1
1
Parent
DeriveKey command can be run without authorizing MAC
(Create).
1
X
1
1
Parent
Authorizing MAC required for DeriveKey command (Create).
X
X
0
X
—
Slots with this value in the WriteConfig field may not be used as the
target of the DeriveKey command.
Note: 
1.
The source key for the computation performed by the DeriveKey command can either be the key
directly specified in Param2 (the “Target”) or the key at SlotConfig<Param2>. WriteKey (the
“Parent”).
See Section Key Values for more details.
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com