Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204A Datasheet(PDF) 84 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 84 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 80Page - Microchip Technology ATSHA204A Datasheet HTML 81Page - Microchip Technology ATSHA204A Datasheet HTML 82Page - Microchip Technology ATSHA204A Datasheet HTML 83Page - Microchip Technology ATSHA204A Datasheet HTML 84Page - Microchip Technology ATSHA204A Datasheet HTML 85Page - Microchip Technology ATSHA204A Datasheet HTML 86Page - Microchip Technology ATSHA204A Datasheet HTML 87Page - Microchip Technology ATSHA204A Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
13.3
Key Values
All keys within the SHA204A are 256 bits long. The ATSHA204A uses these keys as part of the
messages that are hashed with the MAC, CheckMac, HMAC and GenDig commands. Any slot in the Data
zone of the EEPROM can be used to store a key, however, the value is secret only if the read and write
permissions are properly set within SlotConfig (including the IsSecret bit).
Except for the GenDig command, all but the least-significant four bits of the SlotID parameter are ignored
in determining the source of key data. Only the least-significant four bits are used to select one of the
slots of the Data zone. See Section Transport Keys, for information on how GenDig uses other SlotID
values.
In all cases for which a SHA-256 calculation is performed using Param2, the entire 16-bit SlotID as input
is included in the message.
13.3.1
Diversified Keys
If the host or validating entity has a place to securely store secrets, the key values stored in the EEPROM
slot(s) can be diversified with the serial number embedded in the device (SN<0:8>). In this manner, every
Client device can have a unique key, which can provide extra protection against known plaintext attacks
and permit compromised serial numbers to be identified and blacklisted.
To implement this, a root secret is externally combined with the device’s serial number during
personalization using some cryptographic algorithm and the result written to the ATSHA204A key slot.
The ATSHA204A CheckMac command provides a mechanism of securely generating and comparing
diversified keys, eliminating this requirement from the Host system.
Consult the following application note for more details:
http://ww1.microchip.com/downloads/en/appnotes/doc8666.pdf
13.3.2
Rolled Keys
In order to prevent repeated use of the same key value, the ATSHA204A supports key rolling. Normally,
after a certain number of uses (perhaps as few as one), the current key value is replaced with the
SHA-256 digest of its current value combined with some offset, which may either be a constant,
something related to the current system (for example, a serial number or model number), or a random
number.
This capability is implemented using the DeriveKey command. Prior to execution of the DeriveKey
command, the Nonce command must be run to load the offset into TempKey. Each time the roll operation
is performed on slots 0 through 7, the UpdateCount field for that slot is incremented.
One use of this capability is to permanently remove the original key from the device and replace it with a
key that is only useful in a particular environment. After the key is rolled, there is no possible way to
retrieve the old value, which improves the security of the system.
Any power interruption during the execution of the DeriveKey command in Roll mode may cause either
the key or the UpdateCount to have an unknown value. If writing to a slot is enabled using bit number 14
of SlotConfig, such keys can be written in encrypted and authenticated form using the Write command.
Alternatively, multiple copies of the key can be stored in multiple slots so that failure of a single slot does
not incapacitate the system.
ATSHA204A
Reference and Application Notes
© 2018 Microchip Technology Inc.
DS40002025A-page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com