Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTT Datasheet (PDF) - Vishay Siliconix

MTT Datasheet PDF - Vishay Siliconix
Part # MTT
Download  MTT Download
File Size   101.87 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wire Bondable Thin Film Multi-Tap Resistor Arrays

MTT Datasheet (PDF)

Go To PDF Page Download Datasheet
MTT Datasheet PDF - Vishay Siliconix

Part # MTT
Download  MTT Click to download

File Size   101.87 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wire Bondable Thin Film Multi-Tap Resistor Arrays

MTT Datasheet (HTML) - Vishay Siliconix


MTT Product details

• Wire bondable
• Selectable values by wire bonding
• Resistance range: 1.1 kΩ to 275 kΩ
• Chip size: 0.038" x 0.038"
• Case: 0404
• Resistor material tantalum nitride, self-passivating
• Oxidized silicon substrate for good power dissipation
• Ideally suited for hybrid prototyping




Similar Part No. - MTT

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MTT-1000 BEL-MTT-1000 Datasheet
793Kb / 2P
Solutions for the Heavy Duty Machine Industry
MTT-300 BEL-MTT-300 Datasheet
793Kb / 2P
Solutions for the Heavy Duty Machine Industry
MTT-650 BEL-MTT-650 Datasheet
793Kb / 2P
Solutions for the Heavy Duty Machine Industry
logo
GOOD-ARK Electronics
MTT120A80CU GOOD-ARK-MTT120A80CU Datasheet
735Kb / 1P
Ultrafast Recovery Modules
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
Ultrafast Recovery Modules
More results


Similar Description - MTT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
Wire Bondable Multi-tap Chip Resistors
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
Wire Bondable Resistor Network Arrays
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
Wire Bondable Resistor/Capacitor Circuits
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
16-Nov-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
18-Apr-13
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
Wire Bondable Thin Film Resistor Arrays
30-May-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com