Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFLW3N Datasheet (PDF) - Vishay Siliconix

RFLW3N Datasheet PDF - Vishay Siliconix
Part # RFLW3N
Download  RFLW3N Download
File Size   307.52 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor

RFLW3N Datasheet (PDF)

Go To PDF Page Download Datasheet
RFLW3N Datasheet PDF - Vishay Siliconix

Part # RFLW3N
Download  RFLW3N Click to download

File Size   307.52 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor

RFLW3N Datasheet (HTML) - Vishay Siliconix


RFLW3N Product details

• High frequency
• Wire bond assembly
• Small size: 0.030" x 0.030" x 0.020"
• Low DCR, high Q
• Low parasitic capacitance, high SRF
• Equivalent circuit model enclosed
• S parameter files available for download
• Sample kit available




Similar Part No. - RFLW3N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N Datasheet
364Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"
30-Jan-2020
RFLW3N1100B VISHAY-RFLW3N1100B Datasheet
364Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"
30-Jan-2020
RFLW3N1200ALNT0 VISHAY-RFLW3N1200ALNT0 Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW3N1200ALNT1 VISHAY-RFLW3N1200ALNT1 Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW3N1200ALNTS VISHAY-RFLW3N1200ALNTS Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
More results


Similar Description - RFLW3N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
Spiral Chip Inductor
14-Mar-08
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
Vishay Siliconix
RFLW5N VISHAY-RFLW5N Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
Wire Bondable Chip Resistors
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
Wire Bondable Chip Capacitor
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N_V01 Datasheet
364Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"
30-Jan-2020
RFLW5N VISHAY-RFLW5N_V01 Datasheet
274Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
29-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com