Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFLW3N Datasheet (PDF) - Vishay Siliconix

RFLW3N Datasheet PDF - Vishay Siliconix
Part # RFLW3N
Download  RFLW3N Download
File Size   364.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"

RFLW3N Datasheet (PDF)

Go To PDF Page Download Datasheet
RFLW3N Datasheet PDF - Vishay Siliconix

Part # RFLW3N
Download  RFLW3N Click to download

File Size   364.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"

RFLW3N Datasheet (HTML) - Vishay Siliconix


RFLW3N Product details

FEATURES
• High frequency
• Wire bond assembly
• Small size: 0.030" x 0.030" x 0.020"
• Low DCR, high Q
• Low parasitic capacitance, high SRF
• Equivalent circuit model enclosed
• S parameter files available for download
• Sample kit available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• RF choking for DC biasing
• RF tuning circuits
• Lumped element filters




Similar Part No. - RFLW3N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N Datasheet
307Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor
17-Sep-13
RFLW3N1200ALNT0 VISHAY-RFLW3N1200ALNT0 Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW3N1200ALNT1 VISHAY-RFLW3N1200ALNT1 Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW3N1200ALNTS VISHAY-RFLW3N1200ALNTS Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW3N1200ALNWS VISHAY-RFLW3N1200ALNWS Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
More results


Similar Description - RFLW3N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
April 2000
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
March 2000
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N Datasheet
307Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor
17-Sep-13
RFLW5N VISHAY-RFLW5N Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
RFLW5N VISHAY-RFLW5N_V01 Datasheet
274Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
29-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com