Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFLW5N1200ALNTS Datasheet (PDF) - Vishay Siliconix

RFLW5N1200ALNTS Datasheet PDF - Vishay Siliconix
Part # RFLW5N1200ALNTS
Download  RFLW5N1200ALNTS Download
File Size   265.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"

RFLW5N1200ALNTS Datasheet (PDF)

Go To PDF Page Download Datasheet
RFLW5N1200ALNTS Datasheet PDF - Vishay Siliconix

Part # RFLW5N1200ALNTS
Download  RFLW5N1200ALNTS Click to download

File Size   265.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"

RFLW5N1200ALNTS Datasheet (HTML) - Vishay Siliconix


RFLW5N1200ALNTS Product details

• High frequency
• Wire bond assembly
• Small size: 0.050" x 0.050" x 0.020"
• Low DCR, high Q
• Low parasitic capacitance, high SRF
• Equivalent circuit model enclosed
• S parameter files available for download
• Sample kit available




Similar Part No. - RFLW5N1200ALNTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RFLW5N1200A VISHAY-RFLW5N1200A Datasheet
274Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
29-Jan-2020
More results


Similar Description - RFLW5N1200ALNTS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76105SK8 FAIRCHILD-HUF76105SK8 Datasheet
330Kb / 12P
5.5A, 30V, 0.050 Ohm, N-Channel, Logic
logo
Intersil Corporation
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
1999 05
logo
Solid States Devices, I...
SFF1310M SSDI-SFF1310M Datasheet
60Kb / 2P
40 AMPS 200 VOLTS 0.050 廓 N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
logo
Aries Electronics, Inc.
28-505-110 ARIES-28-505-110 Datasheet
626Kb / 1P
PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N Datasheet
307Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor
17-Sep-13
RFLW3N VISHAY-RFLW3N_V01 Datasheet
364Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"
30-Jan-2020
RFLW5N VISHAY-RFLW5N_V01 Datasheet
274Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
29-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com