Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404336FS Datasheet (PDF) - Hitachi Semiconductor

HD404336FS Datasheet PDF - Hitachi Semiconductor
Part # HD404336FS
Download  HD404336FS Download
File Size   337.43 Kbytes
Page   78 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit HMCS400-Series microcomputer with large-capacity memory

HD404336FS Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404336FS Datasheet PDF - Hitachi Semiconductor

Part # HD404336FS
Download  HD404336FS Click to download

File Size   337.43 Kbytes
Page   78 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit HMCS400-Series microcomputer with large-capacity memory

HD404336FS Datasheet (HTML) - Hitachi Semiconductor


HD404336FS Product details

Description

The HD404339 Series is 4-bit HMCS400-Series microcomputer with large-capacity memory designed to increase program productivity. Each microcomputer has an A/D converter, input capture timer, and a 32-

kHz oscillator circuit for clock use all built in. They also come with high-voltage I/O pins that can directly drive a fluorescent display.



Features

• 54 I/O pins

 One input-only pin

 53 input/output pins: 30 pins are high-voltage pins (40 V, max.)

• On-chip A/D converter (8-bit × 12-channel)

• Three timers

 One event counter input

 One timer output

 One input capture timer

• 8-bit clock-synchronous serial interface (1 channel)

• Alarm output

• Built-in oscillators

 Ceramic or crystal oscillator

 External clock drive is also possible

 Subclock: 32.768-kHz crystal oscillator




Similar Part No. - HD404336FS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404336FS RENESAS-HD404336FS Datasheet
321Kb / 80P
microcomputer with large-capacity memory designed to
More results


Similar Description - HD404336FS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05M6 MOTOROLA-MC68HC05M6 Datasheet
67Kb / 2P
microcomputer unit with VFD drive capacity
logo
Sanyo Semicon Device
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
4-bit HMCS400-series microcomputer
HD404356 HITACHI-HD404356 Datasheet
398Kb / 100P
4-bit HMCS400-Series microcomputer
HD404918 HITACHI-HD404918 Datasheet
1Mb / 45P
CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
HD404369 HITACHI-HD404369 Datasheet
452Kb / 115P
4-bit HMCS400-Series microcomputer
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
4-bit HMCS400-series microcomputers
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
microcomputer with large-capacity memory designed to
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
Large Current Capacity
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com