Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45212-1 Datasheet (PDF) - Microchip Technology

MIC45212-1 Datasheet PDF - Microchip Technology
Part # MIC45212-1
Download  MIC45212-1 Download
File Size   1612.22 Kbytes
Page   37 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 26V, 14A DC-to-DC Power Module

MIC45212-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC45212-1 Datasheet PDF - Microchip Technology

Part # MIC45212-1
Download  MIC45212-1 Click to download

File Size   1612.22 Kbytes
Page   37 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 26V, 14A DC-to-DC Power Module

MIC45212-1 Datasheet (HTML) - Microchip Technology


MIC45212-1 Product details

General Description
The MIC45212 is a synchronous, step-down regulator module, featuring a unique adaptive ON-time control architecture. The module incorporates a DC-to-DC controller, power MOSFETs, bootstrap diode, bootstrap capacitor and an inductor in a single package, simplifying the design and layout process for the end user.

Features
• No Compensation Required
• Up to 14A Output Current
• >93% Peak Efficiency
• Output Voltage: 0.8V to 0.85*VIN with ±1% Accuracy
• Adjustable Switching Frequency from 200 kHz to 600 kHz
• Enable Input and Open-Drain Power Good Output
• Hyper Speed Control® (MIC45212-2) Architecture enables Fast Transient Response
• HyperLight Load® (MIC45212-1) improves Light Load Efficiency
• Supports Safe Start-up into Pre-Biased Output
• -40°C to +125°C Junction Temperature Range
• Thermal Shutdown Protection
• Short-Circuit Protection with Hiccup mode
• Adjustable Current Limit
• Available in 64-Pin 12 mm x 12 mm x 4 mm QFN Package

Applications
• High-Power Density Point-of-Load Conversion
• Servers, Routers, Networking and Base Stations
• FPGAs, DSP and Low-Voltage ASIC Power Supplies
• Industrial and Medical Equipment




Similar Part No. - MIC45212-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45212-1YMP MICREL-MIC45212-1YMP Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
MIC45212-1YMP MICREL-MIC45212-1YMP Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
More results


Similar Description - MIC45212-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
logo
List of Unclassifed Man...
EFRD-S257 ETC2-EFRD-S257 Datasheet
294Kb / 2P
DC To DC 250W ERP1U Redundant Power Module
logo
Micrel Semiconductor
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com