Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet (PDF) - Microchip Technology

MIC45205 Datasheet PDF - Microchip Technology
Part # MIC45205
Download  MIC45205 Download
File Size   3869.04 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 26V/6A DC/DC Power Module

MIC45205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC45205 Datasheet PDF - Microchip Technology

Part # MIC45205
Download  MIC45205 Click to download

File Size   3869.04 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 26V/6A DC/DC Power Module

MIC45205 Datasheet (HTML) - Microchip Technology


MIC45205 Product details

General Description
MIC45205 is a synchronous step-down regulator
module, featuring a unique adaptive ON-time control
architecture. The module incorporates a DC/DC
controller, power MOSFETs, bootstrap diode, bootstrap
capacitor, and an inductor in a single package;
simplifying the design and layout process for the end
user.
This highly integrated solution expedites system
design and improves product time-to-market. The
internal MOSFETs and inductor are optimized to
achieve high efficiency at a low output voltage. The fully
optimized design can deliver up to 6A current under a
wide input voltage range of 4.5V to 26V, without
requiring additional cooling.
The MIC45205-1 uses Microchip’s HyperLight Load®
(HLL) and the MIC45205-2 uses Microchip’s Hyper
Speed Control® architecture that enables ultra-fast
load transient response, allowing for a reduction of
output capacitance.
The MIC45205 offers 1% output accuracy that can be
adjusted from 0.8V to 0.85 x VIN with two external
resistors. Additional features include thermal shutdown
protection, input undervoltage lockout, adjustable
current-limit, and short-circuit protection. The
MIC45205 allows for safe start-up into a pre-biased output.

Features
• No Compensation Required
• Up to 6A Output Current
• >93% Peak Efficiency
• Output Voltage: 0.8V to 0.85 x VIN with ±1%
Accuracy
• Adjustable Switching Frequency from 200 kHz to
600 kHz
• Enable Input and Open-Drain Power Good Output
• HyperLight Load (MIC45205-1) Improves Light
Load Efficiency
• Hyper Speed Control (MIC45205-2) Architecture
Enables Fast Transient Response
• Supports Safe Startup into Pre-Biased Output
• –40°C to +125°C Junction Temperature Range
• Thermal Shutdown Protection
• Short-Circuit Protection with Hiccup Mode
• Adjustable Current-Limit
• Available in 52-pin 8 mm × 8 mm × 3 mm B1QFN Package

Applications
• High Power Density Point-of-Load Conversion
• Servers, Routers, Networking, and Base Stations
• FPGAs, DSP, and Low-Voltage ASIC Power
Supplies
• Industrial and Medical Equipment




Similar Part No. - MIC45205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205-1YMP MICREL-MIC45205-1YMP Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205-2YMP MICREL-MIC45205-2YMP Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
More results


Similar Description - MIC45205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
26V, 14A DC-to-DC Power Module
10/25/17
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com