Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 1 Page - Microchip Technology

  MIC45205 Datasheet HTML 1Page - Microchip Technology MIC45205 Datasheet HTML 2Page - Microchip Technology MIC45205 Datasheet HTML 3Page - Microchip Technology MIC45205 Datasheet HTML 4Page - Microchip Technology MIC45205 Datasheet HTML 5Page - Microchip Technology MIC45205 Datasheet HTML 6Page - Microchip Technology MIC45205 Datasheet HTML 7Page - Microchip Technology MIC45205 Datasheet HTML 8Page - Microchip Technology MIC45205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 1
MIC45205
Features
• No Compensation Required
• Up to 6A Output Current
• >93% Peak Efficiency
• Output Voltage: 0.8V to 0.85 x VIN with ±1%
Accuracy
• Adjustable Switching Frequency from 200 kHz to
600 kHz
• Enable Input and Open-Drain Power Good Output
• HyperLight Load (MIC45205-1) Improves Light
Load Efficiency
• Hyper Speed Control (MIC45205-2) Architecture
Enables Fast Transient Response
• Supports Safe Startup into Pre-Biased Output
• –40°C to +125°C Junction Temperature Range
• Thermal Shutdown Protection
• Short-Circuit Protection with Hiccup Mode
• Adjustable Current-Limit
• Available in 52-pin 8 mm × 8 mm × 3 mm B1QFN
Package
Applications
• High Power Density Point-of-Load Conversion
• Servers, Routers, Networking, and Base Stations
• FPGAs, DSP, and Low-Voltage ASIC Power
Supplies
• Industrial and Medical Equipment
General Description
MIC45205 is a synchronous step-down regulator
module, featuring a unique adaptive ON-time control
architecture. The module incorporates a DC/DC
controller, power MOSFETs, bootstrap diode, bootstrap
capacitor, and an inductor in a single package;
simplifying the design and layout process for the end
user.
This highly integrated solution expedites system
design and improves product time-to-market. The
internal MOSFETs and inductor are optimized to
achieve high efficiency at a low output voltage. The fully
optimized design can deliver up to 6A current under a
wide input voltage range of 4.5V to 26V, without
requiring additional cooling.
The MIC45205-1 uses Microchip’s HyperLight Load®
(HLL) and the MIC45205-2 uses Microchip’s Hyper
Speed Control® architecture that enables ultra-fast
load transient response, allowing for a reduction of
output capacitance.
The MIC45205 offers 1% output accuracy that can be
adjusted from 0.8V to 0.85 x VIN with two external
resistors. Additional features include thermal shutdown
protection, input undervoltage lockout, adjustable
current-limit, and short-circuit protection. The
MIC45205 allows for safe start-up into a pre-biased
output.
Typical Application Diagram
R
FB1
V
OUT
UP to 6A
MIC45205
V
IN
12V
C
OUT
C
IN
GND
PVIN
VOUT
R
FB2
FB
SW
ILIM
PGND
BST
ANODE
EN
FREQ
ON
PG
PVDD
5VDD
R
LIM
RIB
OFF
VIN
C
FF
RIA
26V/6A DC/DC Power Module


Similar Part No. - MIC45205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205-1YMP MICREL-MIC45205-1YMP Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205-2YMP MICREL-MIC45205-2YMP Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
More results

Similar Description - MIC45205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
26V, 14A DC-to-DC Power Module
10/25/17
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com