Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology MIC45205 Datasheet HTML 19Page - Microchip Technology MIC45205 Datasheet HTML 20Page - Microchip Technology MIC45205 Datasheet HTML 21Page - Microchip Technology MIC45205 Datasheet HTML 22Page - Microchip Technology MIC45205 Datasheet HTML 23Page - Microchip Technology MIC45205 Datasheet HTML 24Page - Microchip Technology MIC45205 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 21
MIC45205
The injected ripple is:
EQUATION 5-13:
EQUATION 5-14:
In Equation 5-14 and Equation 5-15, it is assumed that
the time constant associated with C14 must be much
greater than the switching period:
EQUATION 5-15:
If the voltage divider resistors RFB1 and RFB2 are in the
kΩ range, then a C14 of 1 nF to 100 nF can easily
satisfy the large time constant requirements.
5.6
Thermal Measurements and Safe
Operating Area (SOA)
Measuring the IC’s case temperature is recommended
to ensure it is within its operating limits. Although this
might seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller thermal couple wire or an infrared
thermometer. If a thermal couple wire is used, it must
be constructed of 36-gauge wire or higher (smaller wire
size) to minimize the wire heat-sinking effect. In
addition, the thermal couple tip must be covered in
either thermal grease or thermal glue to make sure that
the thermal couple junction is making good contact with
the case of the IC. Omega brand thermal couple
(5SC-TT-K-36-36) is adequate for most applications.
Wherever possible, an infrared thermometer is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, an IR
thermometer from Optris has a 1 mm spot size, which
makes it a good choice for measuring the hottest point
on the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
The safe operating area (SOA) of the MIC45205 is
shown in Figure 5-6 through Figure 5-10. These
thermal measurements were taken on MIC45205
evaluation board. Since the MIC45205 is an entire
system comprised of switching regulator controller,
MOSFETs and inductor, the part needs to be
considered as a system. The SOA curves will give
guidance to reasonable use of the MIC45205.
SOA curves should only be used as a point of
reference. SOA data was acquired using the MIC45205
evaluation board. Thermal performance depends on
the PCB layout, board size, copper thickness, number
of thermal vias, and actual airflow.
FIGURE 5-6:
MIC45205 Power Derating
vs. Airflow (5VIN to 1.5VOUT).
VFB PP
VIN Kdiv
D
1 D
–
1
fSW
-----------------
=
Where:
VIN
Power stage input voltage
D
Duty cycle
fSW Switching frequency
τ
(RFB1//RFB2//RINJ) x C14
RINJ = 10 kΩ, CINJ = 0.1 µF
Kdiv
RFB1//RFB2
RINJ RFB1//RFB2
+
-----------------------------------------------
=
Where:
RINJ 10 kΩ
1
fSW
----------------- T
---
=
1
«
3
4
5
6
7
85
90
95
100
105
110
115
120
125
AMBIENT TEMPERATURE( C)
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com