Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 29Page - Microchip Technology MIC45205 Datasheet HTML 30Page - Microchip Technology MIC45205 Datasheet HTML 31Page - Microchip Technology MIC45205 Datasheet HTML 32Page - Microchip Technology MIC45205 Datasheet HTML 33Page - Microchip Technology MIC45205 Datasheet HTML 34Page - Microchip Technology MIC45205 Datasheet HTML 35Page - Microchip Technology MIC45205 Datasheet HTML 36Page - Microchip Technology MIC45205 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 33
MIC45205
Notes:
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-3055-M3A Rev A
52-Lead Very Thick Plastic Quad Flat, No Lead (M3A) - 8x8x3 mm Body [B1QFN]
Micrel Legacy Package H3QFN88-52LD-PL-1
SOLDER MASK
OPENING
EXPOSED TRACE
KEEP OUT AREA
LEGEND
EXPOSED METAL
TRACE
7.60
7.60
0.80
0.80
0.63
2.38
2.80
0.62
0.50
Ø0.30
RECOMMENDED EXPOSED METAL TRACE
EXPOSED TRACE
KEEP OUT AREA
RECOMMENDED SOLDER STENCIL OPENINGS
3.15
3.15
3.12
3.12
7.40
7.40
4x 0.79
2.60
1.61
0.82
2.18
0.78
4X 1.20
47X 0.25
47X 0.60
1.13
0.12
47X 0.80
EXPOSED TRACE
KEEP OUT AREA
SOLDER STENCIL
OPENINGS
EXPOSED METAL TRACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com