Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 6Page - Microchip Technology MIC45205 Datasheet HTML 7Page - Microchip Technology MIC45205 Datasheet HTML 8Page - Microchip Technology MIC45205 Datasheet HTML 9Page - Microchip Technology MIC45205 Datasheet HTML 10Page - Microchip Technology MIC45205 Datasheet HTML 11Page - Microchip Technology MIC45205 Datasheet HTML 12Page - Microchip Technology MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MIC45205
DS20005798B-page 10
2017 - 2022 Microchip Technology Inc.
FIGURE 2-25:
Enable Turn-On/Off.
FIGURE 2-26:
Power-Up Into Short-Circuit.
FIGURE 2-27:
Enabled Into Short-Circuit.
FIGURE 2-28:
Short-Circuit.
FIGURE 2-29:
Output Recovery from
Short-Circuit.
FIGURE 2-30:
Peak Current-Limit
Threshold.
Time (8ms/div)
V
EN
(2V/div)
V
OUT
(1V/div)
I
IN
(1A/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 6A
Time (2ms/div)
V
IN
(10V/div)
V
OUT
(20mV/div)
I
IN
(500mA/div)
V
IN = 12V, VOUT = 1.8V
I
OUT = SHORT CIRCUIT
Time (400μs/div)
V
EN
(2V/div)
V
OUT
(20mV/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = SHORT CIRCUIT
I
IN
(100mA/div)
Time (2ms/div)
V
OUT
(1V/div)
I
OUT
(5A/div)
V
IN = 12V
V
OUT = 1.8V
Time (8ms/div)
V
OUT
(1V/div)
I
OUT
(5A/div)
V
IN = 12V
V
OUT = 1.8V
Time (4ms/div)
V
OUT
(1V/div)
I
OUT
(5A/div)
V
IN = 12V
V
OUT = 1.8V
I
PK_CL = 8.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com