Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 9Page - Microchip Technology MIC45205 Datasheet HTML 10Page - Microchip Technology MIC45205 Datasheet HTML 11Page - Microchip Technology MIC45205 Datasheet HTML 12Page - Microchip Technology MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 13
MIC45205
39
RIB
Ripple Injection Pin B. Connect this pin to FB.
40, 41
ANODE
Anode Bootstrap Diode. Anode connection of internal bootstrap diode, this pin should
be connected to the PVDD pin.
42, 43, 44
BST
Connection to the internal bootstrap circuitry and high-side power MOSFET drive
circuitry. Connect all three BST pins together.
46
FB
Feedback. Input to the transconductance amplifier of the control loop. The FB pin is
referenced to 0.8V. A resistor divider connecting the feedback to the output is used to
set the desired output voltage. Connect the bottom resistor from FB to GND.
47
PG
Power Good. Open-drain output. If used, connect to an external pull-up resistor of at
least 10 kΩ between PG and the external bias voltage.
48
EN
Enable. A logic signal to enable or disable the step-down regulator module operation.
The EN pin is TTL/CMOS compatible. Logic-high = enable, logic-low = disable or
shutdown. EN pin has an internal 1 MΩ (typical) pull-down resistor to GND. Do not
leave floating.
49
VIN
Internal 5V Linear Regulator Input. A 1 μF ceramic capacitor from VIN to GND is
required for decoupling.
50
FREQ
Switching Frequency Adjust. Use a resistor divider from VIN to GND to program the
switching frequency. Connecting FREQ to VIN sets frequency at 600 kHz.
51
ILIM
Current Limit. Connect a resistor between ILIM and SW to program the current limit.
9, 13, 20, 30, 35 KEEPOUT Depopulated pin positions.
—
PVIN ePAD
PVIN Exposed Pad. Internally connected to PVIN pins. Please see PCB Layout
Guidelines section.
—
VOUT
ePAD
VOUT Exposed Pad. Internally connected to VOUT pins. Please see PCB Layout
Guidelines section.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com