Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 10Page - Microchip Technology MIC45205 Datasheet HTML 11Page - Microchip Technology MIC45205 Datasheet HTML 12Page - Microchip Technology MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MIC45205
DS20005798B-page 14
2017 - 2022 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MIC45205 is an adaptive on-time synchronous
buck regulator module built for high-input voltage to
low-output voltage conversion applications. The
MIC45205 is designed to operate over a wide input
voltage range, from 4.5V to 26V, and the output is
adjustable with an external resistor divider. An adaptive
on-time control scheme is employed to obtain a
constant switching frequency in steady state and to
simplify the control compensation. Hiccup mode
overcurrent protection is implemented by sensing
low-side MOSFET’s RDS(ON). The device features
internal soft-start, enable, UVLO, and thermal
shutdown. The module has integrated switching FETs,
inductor, bootstrap diode, resistor, and capacitor.
4.1
Theory of Operation
As shown in Figure 4-1 (in association with
Equation 4-1), the output voltage is sensed by the
MIC45205 feedback pin (FB) via the voltage divider
RFB1 and RFB2 and compared to a 0.8V reference
voltage (VREF) at the error comparator through a
low-gain transconductance (gm) amplifier. If the
feedback voltage decreases, and the amplifier output
falls below 0.8V, then the error comparator will trigger
the control logic and generate an ON-time period. The
ON-time period length is predetermined by the “Fixed
tON Estimator” circuitry:
FIGURE 4-1:
Output Voltage Sense via
FB Pin.
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier falls below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(MIN), which is about 200 ns, the MIC45205 control
logic will apply the tOFF(MIN) instead. tOFF(MIN) is
required to maintain enough energy in the boost
capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 200 ns
tOFF(MIN):
EQUATION 4-2:
It is not recommended to use MIC45205 with an
OFF-time close to tOFF(MIN) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC45205 during
steady state operation. The actual ON-time and
resulting switching frequency will vary with the different
rising and falling times of the MOSFETs. Also, the
minimum tON results in a lower switching frequency in
high VIN to VOUT applications. During load transients,
the switching frequency is changed due to the varying
OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios. For
easy analysis, the gain of the gm amplifier is assumed
to be 1. With this assumption, the inverting input of the
error comparator is the same as the feedback voltage.
Figure 4-2 shows the MIC45205 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The
ON-time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
COMPENSATION
COMP
R
FB1
R
FB2
FB
V
REF
0.8V
V
OUT
g
M EA
tON ESTIMATED
VOUT
VIN fSW
-----------------------
=
Where:
VOUT Output Voltage
VIN
Power Stage Input Voltage
fSW
Switching Frequency
DMAX
tS tOFF MIN
–
tS
-----------------------------------
1 200ns
tS
---------------
–
=
=
Where:
tS
1/fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com