Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 25Page - Microchip Technology MIC45205 Datasheet HTML 26Page - Microchip Technology MIC45205 Datasheet HTML 27Page - Microchip Technology MIC45205 Datasheet HTML 28Page - Microchip Technology MIC45205 Datasheet HTML 29Page - Microchip Technology MIC45205 Datasheet HTML 30Page - Microchip Technology MIC45205 Datasheet HTML 31Page - Microchip Technology MIC45205 Datasheet HTML 32Page - Microchip Technology MIC45205 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 29
MIC45205
R8
CRCW06033K24FKEA
Vishay Dale 3.24 kΩ, 1%, 1/10W, 0603, Thick Film
1
R9
CRCW06031K91FKEA
Vishay Dale 1.91 kΩ, 1%, 1/10W, 0603, Thick Film
1
R11
CRCW060349K9FKEA
Vishay Dale 49.9 kΩ, 1%, 1/10W, 0603, Thick Film
1
R14
CRCW060310K0FKEA
Vishay Dale 10 kΩ, 1%, 1/10W, 0603, Thick Film
1
R15
CRCW06031K37FKEA
Vishay Dale 1.37 kΩ, 1%, 1/10W, 0603, Thick Film
1
R17, R18,
R19
RCG06030000Z0EA
Vishay Dale 0Ω Resistor, 1%, 1/10W, 0603, Thick
Film
3
TP6 – TP9,
JPx3, JPx4
1502-2
Keystone
Single-End, Through-Hole Terminal
6
U1
MIC45205-1YMP
Microchip
26V/6A DC/DC Power Module
1
MIC45205-2YMP
TABLE 8-1:
BILL OF MATERIALS (CONTINUED)
Item
Part Number
Manufacturer Description
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com