Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 3 Page - Microchip Technology

  MIC45205 Datasheet HTML 1Page - Microchip Technology MIC45205 Datasheet HTML 2Page - Microchip Technology MIC45205 Datasheet HTML 3Page - Microchip Technology MIC45205 Datasheet HTML 4Page - Microchip Technology MIC45205 Datasheet HTML 5Page - Microchip Technology MIC45205 Datasheet HTML 6Page - Microchip Technology MIC45205 Datasheet HTML 7Page - Microchip Technology MIC45205 Datasheet HTML 8Page - Microchip Technology MIC45205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 3
MIC45205
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VPVIN, VVIN to PGND ................................................................................................................................. –0.3V to +30V
VPVDD, V5VDD, VANODE to PGND................................................................................................................. –0.3V to +6V
VSW, VFREQ, VILIM, VEN to PGND....................................................................................................–0.3V to (VIN + 0.3V)
VBST to VSW................................................................................................................................................. –0.3V to +6V
VBST to PGND............................................................................................................................................ –0.3V to +36V
VPG to PGND ............................................................................................................................... –0.3V to (5VDD + 0.3V)
VFB, VRIB to PGND ...................................................................................................................... –0.3V to (5VDD + 0.3V)
PGND to GND........................................................................................................................................... –0.3V to +0.3V
Operating Ratings ‡
Supply Voltage (VPVIN, VVIN) ..................................................................................................................... +4.5V to +26V
Output Current ..............................................................................................................................................................6A
Enable Input (VEN) ..............................................................................................................................................0V to VIN
Power Good (VPG) .......................................................................................................................................... 0V to 5VDD
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VEN = 12V, VOUT = 3.3V, VBST – VSW = 5V, TJ = +25ºC. Bold values indicate –40ºC
< TJ < +125ºC, unless otherwise noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range
VIN, PVIN
4.5
—
26
V
—
Quiescent Supply Current
(MIC45205-1)
IQ
—
0.35
0.75
mA
VFB = 1.5V
Quiescent Supply Current
(MIC45205-2)
IQ
—
2.1
3
mA
VFB = 1.5V
Operating Current
IIN
—
31
—
mA
VPVIN = VIN = 12V, VOUT = 1.8V,
IOUT = 0A
fSW = 600 kHz (MIC45205-2)
Shutdown Supply Current
ISHDN
—
0.1
10
µA
SW = unconnected, VEN = 0V
5VDD Output
5VDD Output Voltage
5VDD
4.8
5.1
5.4
V
VIN = 7V to 26V, I5VDD = 10 mA
5VDD UVLO Threshold
UVLO
3.8
4.2
4.6
V
V5VDD rising
5VDD UVLO Hysteresis
UVLO_HYS
—
400
—
mV
V5VDD falling
LDO Load Regulation
Δ5VDD(LR)
0.6
2
3.6
%
I5VDD = 0 mA to 40 mA
Reference
Feedback Reference Voltage
VREF
0.792
0.8
0.808
V
TJ = +25°C
0.784
0.8
0.816
–40°C ≤ TJ ≤ +125°C
FB Bias Current
IFB_BIAS
—
5
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
ENHIGH
1.8
—
—
V
—
EN Logic Level Low
ENLOW
—
—
0.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com