Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 24Page - Microchip Technology MIC45205 Datasheet HTML 25Page - Microchip Technology MIC45205 Datasheet HTML 26Page - Microchip Technology MIC45205 Datasheet HTML 27Page - Microchip Technology MIC45205 Datasheet HTML 28Page - Microchip Technology MIC45205 Datasheet HTML 29Page - Microchip Technology MIC45205 Datasheet HTML 30Page - Microchip Technology MIC45205 Datasheet HTML 31Page - Microchip Technology MIC45205 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MIC45205
DS20005798B-page 28
2017 - 2022 Microchip Technology Inc.
8.0
EVALUATION BOARD SCHEMATIC AND BOM
FIGURE 8-1:
MIC45205YML Evaluation Board Schematic.
TABLE 8-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer Description
Quantity
C1
EEE-FK1V221P
Panasonic
220 µF/35V, ALE Capacitor (optional)
1
C1X, C6, C9,
C10, C7, C13 —
—
Open
6
C3
C3216X5R1H106M160AB
TDK
10 µF/50V, 1206, X5R, 10%, MLCC
1
C2, C4, C8
GRM188R71H104KA93D
Murata
0.1 µF/50V, X7R, 0603, 10%, MLCC
3
C5
C3216X5R0J107M160AB
TDK
100 µF/6.3V, X5R, 1206, 20%, MLCC
1
C14
C1608C0G1H222JT
TDK
2.2 nF/50V, NP0, 0603, 5%, MLCC
1
C11
GRM1885C1H150JA01D
Murata
15 pF/50V, NP0, 0603, 5%, MLCC
3
CON1,CON2,
CON3,CON4 8174
Keystone
15A, 4-Prong Through-Hole Screw
Terminal
4
J1
M50-3500742
Harwin
Header 2x7
1
J2, J3, J4,
TP3 – TP5
90120-0122
Molex
Header 2
6
JPx1, JPx2
—
—
Open
2
R1, R10
CRCW0603100K0FKEA
Vishay Dale 100 kΩ, 1%, 1/10W, 0603, Thick Film
2
R2, R12, R13,
R16
—
—
Open
4
R3
CRCW060340K2FKEA
Vishay Dale 40.2 kΩ, 1%, 1/10W, 0603, Thick Film
1
R4
CRCW060320K0FKEA
Vishay Dale 20 kΩ, 1%, 1/10W, 0603, Thick Film
1
R5
CRCW060311K5FKEA
Vishay Dale 11.5 kΩ, 1%, 1/10W, 0603, Thick Film
1
R6
CRCW06038K06FKEA
Vishay Dale 8.06 kΩ, 1%, 1/10W, 0603, Thick Film
1
R7
CRCW06034K75FKEA
Vishay Dale 4.75 kΩ, 1%, 1/10W, 0603, Thick Film
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com