Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology MIC45205 Datasheet HTML 19Page - Microchip Technology MIC45205 Datasheet HTML 20Page - Microchip Technology MIC45205 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 17
MIC45205
Because the inductor is integrated, use Equation 4-4 to
calculate the inductor ripple current.
EQUATION 4-4:
The MIC45205 has a 1.0 µH inductor integrated into
the module. In case of a hard short, the short limit is
folded down to allow an indefinite hard short on the
output without any destructive effect.
It is mandatory to make sure that the inductor current
used to charge the output capacitance during soft-start
is under the folded short limit; otherwise the supply will
go in hiccup mode and may not finish the soft-start
successfully.
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add a
50% margin to ICLIM in Equation 4-3 to avoid false
current limiting due to increased MOSFET junction
temperature rise.
With R15 = 1.37 kΩ and C15 = 15 pF, the typical output
current-limit is 8A.
IL PP
VOUT VIN MAX
VOUT
–
VIN MAX
fSW
L
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com