Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45205 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 4 Page - Microchip Technology

  MIC45205 Datasheet HTML 1Page - Microchip Technology MIC45205 Datasheet HTML 2Page - Microchip Technology MIC45205 Datasheet HTML 3Page - Microchip Technology MIC45205 Datasheet HTML 4Page - Microchip Technology MIC45205 Datasheet HTML 5Page - Microchip Technology MIC45205 Datasheet HTML 6Page - Microchip Technology MIC45205 Datasheet HTML 7Page - Microchip Technology MIC45205 Datasheet HTML 8Page - Microchip Technology MIC45205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MIC45205
DS20005798B-page 4
2017 - 2022 Microchip Technology Inc.
EN Hysteresis
ENHYS
—
200
—
mV
—
EN Bias Current
IENBIAS
—
5
10
µA
VEN = 12V
Oscillator
Switching Frequency
fSW
400
600
750
kHz
VFREQ = VIN, IOUT = 2A
—
350
—
VFREQ = 50% VIN, IOUT = 2A
Maximum Duty Cycle
DMAX
—
85
—
%
—
Minimum Duty Cycle
DMIN
—
0
—
%
VFB = 1V
Minimum Off-Time
tOFF(MIN)
140
200
260
ns
—
Soft-Start
Soft-Start Time
tSS
—
5
—
ms
VFB from 0V to 0.8V
Short-Circuit Protection
Current-Limit Threshold
VCL_
OFFSET
–30
–14
0
mV
VFB = 0.79V
Short-Circuit Threshold
VSC
–23
–7
9
mV
VFB = 0V
Current-Limit Source Current
ICL
55
70
85
µA
VFB = 0.79V
Short-Circuit Source Current
ISC
25
35
45
µA
VFB = 0V
Leakage
SW, BST Leakage Current
ISW_
LEAKAGE
—
—
10
µA
—
FREQ Leakage Current
IFREQ_
LEAK
—
—
10
µA
—
Power Good (PG)
PG Threshold Voltage
VPG_TH
85
90
95
% VREF Sweep VFB from Low-to-High
PG Hysteresis
VPG_HYS
—
6
—
% VREF Sweep VFB from High-to-Low
PG Delay Time
tPG_DLY
—
100
—
µs
Sweep VFB from Low-to-High
PG Low Voltage
VPG_LOW
—
70
200
mV
VFB < 90% × VNOM, IPG = 1 mA
Thermal Protection
Overtemperature Shutdown
TSHD
—
160
—
°C
TJ rising
Overtemperature Shutdown
Hysteresis
TSHD_
HYS
—
15
—
°C
—
Note 1: Specification for packaged product only.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VEN = 12V, VOUT = 3.3V, VBST – VSW = 5V, TJ = +25ºC. Bold values indicate –40ºC
< TJ < +125ºC, unless otherwise noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com