Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K12T Datasheet (PDF) - Toshiba Semiconductor

SSM3K12T Datasheet PDF - Toshiba Semiconductor
Part # SSM3K12T
Download  SSM3K12T Download
File Size   178.14 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CategoryTOSHIBA Field Effect Transistor Silicon N Channel MOS Type/Category

SSM3K12T Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3K12T Datasheet PDF - Toshiba Semiconductor

Part # SSM3K12T
Download  SSM3K12T Click to download

File Size   178.14 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CategoryTOSHIBA Field Effect Transistor Silicon N Channel MOS Type/Category

SSM3K12T Datasheet (HTML) - Toshiba Semiconductor


SSM3K12T Product details

DC-DC Converter
High Speed Switching Applications

• Small Package
• Low ON-resistance : Ron = 95 mΩ (max) (@VGS = 10 V)
                                  : Ron = 145 mΩ (max) (@VGS = 4.5 V)
• High speed : ton = 21 ns
                     : toff = 16 ns




Similar Part No. - SSM3K12T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K12T TOSHIBA-SSM3K12T Datasheet
214Kb / 6P
Silicon N Channel MOS Type DC-DC Converter
logo
VBsemi Electronics Co.,...
SSM3K12T VBSEMI-SSM3K12T Datasheet
481Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K12T TOSHIBA-SSM3K12T_07 Datasheet
214Kb / 6P
Silicon N Channel MOS Type DC-DC Converter
More results


Similar Description - SSM3K12T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type
SSM6K08FU TOSHIBA-SSM6K08FU Datasheet
160Kb / 6P
CategoryTOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)/Category
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com