Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72255LA Datasheet (PDF) - Integrated Device Technology

IDT72255LA Datasheet PDF - Integrated Device Technology
Part # IDT72255LA
Download  IDT72255LA Download
File Size   354.37 Kbytes
Page   27 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SUPERSYNC FIFO

IDT72255LA Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72255LA Datasheet PDF - Integrated Device Technology

Part # IDT72255LA
Download  IDT72255LA Click to download

File Size   354.37 Kbytes
Page   27 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SUPERSYNC FIFO

IDT72255LA Datasheet (HTML) - Integrated Device Technology


IDT72255LA Product details

DESCRIPTION:
The IDT72255LA/72265LA are exceptionally deep, high speed, CMOS First-In-First-Out (FIFO) memories with clocked read and write controls. These FIFOs offer numerous improvements over previous SuperSync FIFOs, including the following:
• The limitation of the frequency of one clock input with respect to the other has been removed. The Frequency Select pin (FS) has been removed, thus it is no longer necessary to select which of the two clock inputs, RCLK or WCLK, is running at the higher frequency.
• The period required by the retransmit operation is now fixed and short.

FEATURES:
• Choose among the following memory organizations:
   IDT72255LA 8,192 x 18
   IDT72265LA 16,384 x 18
• Pin-compatible with the IDT72275/72285 SuperSync FIFOs
• 10ns read/write cycle time (8ns access time)
• Fixed, low first word data latency time
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Retransmit operation with fixed, low first word data latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First Word Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-pin Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - IDT72255LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
328Kb / 27P
CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA Datasheet
488Kb / 27P
CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72255LA10PFG IDT-IDT72255LA10PFG Datasheet
328Kb / 27P
CMOS SuperSync FIFO
IDT72255LA10PFGI IDT-IDT72255LA10PFGI Datasheet
328Kb / 27P
CMOS SuperSync FIFO
More results


Similar Description - IDT72255LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
CMOS SuperSync FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
CMOS SuperSync FIFO
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com