Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72255LA Datasheet (PDF) - Renesas Technology Corp

IDT72255LA Datasheet PDF - Renesas Technology Corp
Part # IDT72255LA
Download  IDT72255LA Download
File Size   404.22 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18

IDT72255LA Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72255LA Datasheet PDF - Renesas Technology Corp

Part # IDT72255LA
Download  IDT72255LA Click to download

File Size   404.22 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18

IDT72255LA Datasheet (HTML) - Renesas Technology Corp


IDT72255LA Product details

FEATURES
• Choose among the following memory organizations:
IDT72255LA — 8,192 x 18
IDT72265LA — 16,384 x 18
• Pin-compatible with the IDT72275/72285 SuperSync FIFOs
• 10ns read/write cycle time (8ns access time)
• Fixed, low first word data latency time
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Retransmit operation with fixed, low first word data latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72255LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
CMOS SUPERSYNC FIFO
IDT72255LA IDT-IDT72255LA Datasheet
328Kb / 27P
CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA Datasheet
488Kb / 27P
CMOS SuperSync FIFO
IDT72255LA10PF IDT-IDT72255LA10PF Datasheet
354Kb / 27P
CMOS SUPERSYNC FIFO
IDT72255LA10PFG IDT-IDT72255LA10PFG Datasheet
328Kb / 27P
CMOS SuperSync FIFO
More results


Similar Description - IDT72255LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com