Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72261LA Datasheet (PDF) - Renesas Technology Corp

IDT72261LA Datasheet PDF - Renesas Technology Corp
Part # IDT72261LA
Download  IDT72261LA Download
File Size   537.07 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9

IDT72261LA Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72261LA Datasheet PDF - Renesas Technology Corp

Part # IDT72261LA
Download  IDT72261LA Click to download

File Size   537.07 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9

IDT72261LA Datasheet (HTML) - Renesas Technology Corp


IDT72261LA Product details

FEATURES:
• Choose among the following memory organizations:
IDT72261LA 16,384 x 9
IDT72271LA 32,768 x 9
• Pin-compatible with the IDT72281/72291 SuperSync FIFOs
• 10ns read/write cycle time (8ns access time)
• Fixed, low first word data latency time
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Retransmit operation with fixed, low first word data latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
446Kb / 27P
CMOS SuperSync FIFO
IDT72261LA10PF IDT-IDT72261LA10PF Datasheet
304Kb / 27P
CMOS SuperSync FIFO
IDT72261LA10PFI IDT-IDT72261LA10PFI Datasheet
304Kb / 27P
CMOS SuperSync FIFO
IDT72261LA10TF IDT-IDT72261LA10TF Datasheet
304Kb / 27P
CMOS SuperSync FIFO
More results


Similar Description - IDT72261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com